Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4841PS Datasheet(PDF) 47 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 43Page - NXP Semiconductors TDA4841PS Datasheet HTML 44Page - NXP Semiconductors TDA4841PS Datasheet HTML 45Page - NXP Semiconductors TDA4841PS Datasheet HTML 46Page - NXP Semiconductors TDA4841PS Datasheet HTML 47Page - NXP Semiconductors TDA4841PS Datasheet HTML 48Page - NXP Semiconductors TDA4841PS Datasheet HTML 49Page - NXP Semiconductors TDA4841PS Datasheet HTML 50Page - NXP Semiconductors TDA4841PS Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
1999 Oct 25
47
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
Printed-circuit board layout
handbook, full pagewidth
TDA4841PS
external components of
horizontal section
external components of
horizontal section
B-drive line in parallel
to ground
47 pF
2 nF
47 nF
100
µF
12 V
external components of
vertical section
further connections to other components
or ground paths are not allowed
only this path may be connected
to general ground of PCB
external components
of driver stages
pin 25 should be the 'star point'
for all small signal components
no external ground tracks
connected here
MHB605
SMD
Fig.29 Hints for Printed-Circuit Board (PCB) layout.
For optimum performance of the TDA4841PS the ground paths must be routed as shown.
Only one connection to other grounds on the PCB is allowed.
Note: The tracks for HDRV and BDRV should be kept separate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com