Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASADV Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASADV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASADV Datasheet(HTML) 3 Page - Abracon Corporation

  ASADV Datasheet HTML 1Page - Abracon Corporation ASADV Datasheet HTML 2Page - Abracon Corporation ASADV Datasheet HTML 3Page - Abracon Corporation ASADV Datasheet HTML 4Page - Abracon Corporation ASADV Datasheet HTML 5Page - Abracon Corporation ASADV Datasheet HTML 6Page - Abracon Corporation ASADV Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 10-26-22
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASADV
2.0 x 1.6 x 0.80mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
0.0
1.0
2.0
3.0
4.0
5.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply Voltage, Vdd (V)
Current Consumption (Idd) vs. Supply Voltage (Vdd) Characteristics [Load=15pF]
Continuous Voltage Oscillator
4MHz
8MHz
24MHz
26MHz
32MHz
48MHz
-6.5
-5.5
-4.5
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply Voltage, Vdd (V)
Frequency vs. Supply Voltage (Vdd) Characteristics
Continuous Voltage Oscillator
4MHz
8MHz
24MHz
26MHz
32MHz
48MHz
Typical Current Consumption (Idd) vs. Supply Voltage (Vdd) Characteristics @ 25°C± 3°C [Load = 15pF]
Typical Frequency vs. Supply Voltage (Vdd) Characteristics @ 25°C± 3°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com