Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASADV Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASADV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASADV Datasheet(HTML) 2 Page - Abracon Corporation

  ASADV Datasheet HTML 1Page - Abracon Corporation ASADV Datasheet HTML 2Page - Abracon Corporation ASADV Datasheet HTML 3Page - Abracon Corporation ASADV Datasheet HTML 4Page - Abracon Corporation ASADV Datasheet HTML 5Page - Abracon Corporation ASADV Datasheet HTML 6Page - Abracon Corporation ASADV Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 10-26-22
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASADV
2.0 x 1.6 x 0.80mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Current (Idd) into 15pF Load @25°C± 3°C
@ Vdd=3.3V
2.0
mA
1.25MHz ≤ F ≤ 5.999MHz
2.0
6MHz ≤ F ≤ 9.999MHz
3.0
10MHz ≤ F ≤ 19.999MHz
4.0
20MHz ≤ F ≤ 29.999MHz
5.0
30MHz ≤ F ≤ 39.999MHz
5.0
40MHz ≤ F ≤ 45.999MHz
5.0
46MHz ≤ F ≤ 48.999MHz
6.0
49MHz ≤ F ≤ 50.999MHz
8.0
51MHz ≤ F ≤ 54.999MHz
8.0
55MHz ≤ F ≤ 60.999MHz
12.5
61MHz ≤ F ≤ 75.999MHz
14.5
76MHz ≤ F ≤ 80.999MHz
14.5
81MHz ≤ F ≤ 100MHz
Supply Current (Idd) into 15pF Load @25°C± 3°C
@ Vdd=2.5V
1.3
mA
1.25MHz ≤ F ≤ 5.999MHz
1.3
6MHz ≤ F ≤ 9.999MHz
2.0
10MHz ≤ F ≤ 19.999MHz
3.0
20MHz ≤ F ≤ 29.999MHz
3.5
30MHz ≤ F ≤ 39.999MHz
4.5
40MHz ≤ F ≤ 45.999MHz
4.5
46MHz ≤ F ≤ 48.999MHz
5.0
49MHz ≤ F ≤ 50.999MHz
6.5
51MHz ≤ F ≤ 54.999MHz
7.0
55MHz ≤ F ≤ 60.999MHz
10.0
61MHz ≤ F ≤ 75.999MHz
11.5
76MHz ≤ F ≤ 80.999MHz
11.5
81MHz ≤ F ≤ 100MHz
Supply Current (Idd) into 15pF Load @25°C± 3°C
@ Vdd=1.8V
1.0
mA
1.25MHz ≤ F ≤ 5.999MHz
1.0
6MHz ≤ F ≤ 9.999MHz
1.6
10MHz ≤ F ≤ 19.999MHz
2.2
20MHz ≤ F ≤ 29.999MHz
2.5
30MHz ≤ F ≤ 39.999MHz
3.0
40MHz ≤ F ≤ 45.999MHz
3.5
46MHz ≤ F ≤ 48.999MHz
3.5
49MHz ≤ F ≤ 50.999MHz
3.5
51MHz ≤ F ≤ 54.999MHz
4.0
55MHz ≤ F ≤ 60.999MHz
9.0
61MHz ≤ F ≤ 75.999MHz
9.0
76MHz ≤ F ≤ 80.999MHz
10.0
81MHz ≤ F ≤ 100MHz
Electrical Specifications continued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com