Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4886 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA4886
Description  140 MHz video controller with I2C-bus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4886 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA4886 Datasheet HTML 9Page - NXP Semiconductors TDA4886 Datasheet HTML 10Page - NXP Semiconductors TDA4886 Datasheet HTML 11Page - NXP Semiconductors TDA4886 Datasheet HTML 12Page - NXP Semiconductors TDA4886 Datasheet HTML 13Page - NXP Semiconductors TDA4886 Datasheet HTML 14Page - NXP Semiconductors TDA4886 Datasheet HTML 15Page - NXP Semiconductors TDA4886 Datasheet HTML 16Page - NXP Semiconductors TDA4886 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
1998 Nov 11
13
Philips Semiconductors
Product specification
140 MHz video controller with I2C-bus
TDA4886
Fast blanking (pin 1) and OSD signal insertion (channel 1: pin 2; channel 2: pin 3; channel 3: pin 4); note 13
V1
fast blanking input signal
no video signal blanking,
OSD signal insertion disabled
0
−
1.1
V
video signal blanking,
OSD signal insertion enabled
1.7
−
VP
V
V2,3,4
OSD input signal
V1 > 1.7 V
no internal OSD signal
insertion
0
−
1.1
V
internal OSD signal insertion
1.7
−
VP
V
tr(OSD)
rise time of OSD colour signals
(pins 22, 19 and 16)
10 to 90% amplitude;
input pulse with 1.2 ns/V
−−
4ns
tf(OSD)
fall time of OSD colour signals
(pins 22, 19 and 16)
90 to 10% amplitude;
input pulse with 1.2 ns/V
−−
7ns
tg(CO)
width of (negative going) OSD
signal insertion glitch, leading
edge (pins 22, 19 and 16)
identical pulses at fast blanking
input (pin 1) and OSD signal
inputs (pins 2, 3 and 4)
0
−
6ns
tg(OC)
width of (negative going) OSD
signal insertion glitch, trailing
edge (pins 22, 19 and 16)
identical pulses at fast blanking
input (pin 1) and OSD signal
inputs (pins 2, 3 and 4)
0
−
6ns
dVOSD
overshoot/undershoot of OSD
colour signal related to actual
OSD output pulse amplitude
(pins 22, 19 and 16)
pulse with 1.2 ns/V at OSD
signal inputs (pins 2, 3 and 4)
−−
10
%
VOSD(max)
maximum OSD colour signal
related to nominal colour signal
(pins 22, 19 and 16)
maximum OSD contrast;
maximum gain
100
120
140
%
OSD contrast control; see Fig.9 and note 14
dOC
OSD colour signal related to
maximum OSD colour signal
0FH (maximum)
−
0
−
dB
00H (minimum)
−14
−12
−10
dB
Subcontrast/contrast modulation and beam current limiting (pin 24); see Fig.8 and note 15
V24(nom)
nominal input voltage
pin 24 open-circuit
4.7
5.0
5.3
V
V24(start)
starting voltage for contrast
and OSD contrast reduction
4.2
4.5
4.8
V
V24(stop)
stop voltage for contrast and
OSD contrast reduction
−32 dB below maximum colour
signal (contrast setting 3FH)
1.5
2.0
2.5
V
B24
bandwidth of contrast
modulation
−3dB
4
−−
MHz
I24(max)
maximum input current
V24 =0V
−1.0
−−
µA
Brightness control; see Fig.10 and notes 16 and 17
∆V
bl
difference between black level
and reference black level at
signal outputs related to
nominal colour signal
3FH (maximum)
25
30
35
%
10H (nominal)
−
0
−
%
00H (minimum)
−12
−10
−8%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com