Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4886 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA4886
Description  140 MHz video controller with I2C-bus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4886 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA4886 Datasheet HTML 22Page - NXP Semiconductors TDA4886 Datasheet HTML 23Page - NXP Semiconductors TDA4886 Datasheet HTML 24Page - NXP Semiconductors TDA4886 Datasheet HTML 25Page - NXP Semiconductors TDA4886 Datasheet HTML 26Page - NXP Semiconductors TDA4886 Datasheet HTML 27Page - NXP Semiconductors TDA4886 Datasheet HTML 28Page - NXP Semiconductors TDA4886 Datasheet HTML 29Page - NXP Semiconductors TDA4886 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
1998 Nov 11
26
Philips Semiconductors
Product specification
140 MHz video controller with I2C-bus
TDA4886
Fig.12 Internal feedback reference voltages.
(1) Control bit FPOL = 0.
(2) Control bits FPOL = 1, BLH2 = 1, BLH1 = 1.
(3) Control bits FPOL = 1, BLH2 = 1, BLH1 = 0.
(4) Control bits FPOL = 1, BLH2 = 0, BLH1 = 1.
(5) Control bits FPOL = 1, BLH2 = 0, BLH1 = 0.
handbook, full pagewidth
MHB192
5.77
4.05
1.49
internal feedback
reference voltage
(V)
0
00H
20H
40H
60H
80H
A0H
C0H
E0H
FFH
(1)
(2)
feedback reference data byte
1.25
(3)
1.01
(4)
0.77
(5)
Fig.13 External feedback reference voltages.
(1) Control bit FPOL = 1.
handbook, full pagewidth
MHB193
5.77
4.05
external
reference voltage
(V)
0
00H
20H
40H
60H
80H
A0H
C0H
E0H
FFH
(1)
feedback reference data byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com