Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28162 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP28162
Description  High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28162 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP28162 Datasheet HTML 1Page - Monolithic Power Systems MP28162 Datasheet HTML 2Page - Monolithic Power Systems MP28162 Datasheet HTML 3Page - Monolithic Power Systems MP28162 Datasheet HTML 4Page - Monolithic Power Systems MP28162 Datasheet HTML 5Page - Monolithic Power Systems MP28162 Datasheet HTML 6Page - Monolithic Power Systems MP28162 Datasheet HTML 7Page - Monolithic Power Systems MP28162 Datasheet HTML 8Page - Monolithic Power Systems MP28162 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MP28162 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 1.5A MOSFETS
MP28162 Rev. 1.0
MonolithicPower.com
2
3/16/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP28162GC
WLCSP-15 (1.3mmx2.1mm)
See Below
1
* For Tape & Reel, add suffix -Z (e.g. MP28162GC-Z).
TOP MARKING
JM: Product code of MP28162GC
Y: Year code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
BOTTOM VIEW
FB
AGND
VCC
MODE
SYNC
EN
VOUT
SW2
PGND
SW1
VIN
VOUT
SW2
PGND
SW1
VIN
FB
AGND
VCC
MODE
SYNC
EN
VOUT
SW2
PGND
SW1
VIN
VOUT
SW2
PGND
SW1
VIN
1
2
3
A
B
C
D
E
1
2
3
A
B
C
D
E
WLCSP-15 (1.3mmx2.1mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com