Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28162 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP28162
Description  High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28162 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP28162 Datasheet HTML 1Page - Monolithic Power Systems MP28162 Datasheet HTML 2Page - Monolithic Power Systems MP28162 Datasheet HTML 3Page - Monolithic Power Systems MP28162 Datasheet HTML 4Page - Monolithic Power Systems MP28162 Datasheet HTML 5Page - Monolithic Power Systems MP28162 Datasheet HTML 6Page - Monolithic Power Systems MP28162 Datasheet HTML 7Page - Monolithic Power Systems MP28162 Datasheet HTML 8Page - Monolithic Power Systems MP28162 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP28162 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 1.5A MOSFETS
MP28162 Rev. 1.0
MonolithicPower.com
4
3/16/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = VOUT = 3.3V, TJ = -40°C to +125°C, typical value is tested at 25°C, unless otherwise
noted. (7)
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN under-voltage lockout
(UVLO) rising threshold
VIN_UVLO_R
Float VCC, rising VIN, test VIN
when the IC starts up
1.55
1.7
1.77
V
VIN UVLO falling threshold
VIN_UVLO_F
VOUT = 3.3V, falling VIN
0.69
V
VCC UVLO falling threshold
VCC_UVLO_F VIN = 1.2V, falling VCC
1.45
1.56
1.67
V
Feedback reference voltage
VREF
TJ = 25°C
495
500
505
mV
TJ = -40°C to +125°C
492.5
500
507.5
mV
Switching frequency
fREQ
1700
2000
2300
kHz
Synchronization frequency
range
1000
3000
kHz
Switching current limit
ISW
1.3
1.5
1.85
A
N-MOSFET on resistance
RDS(ON)_N
SWB, SWC
35
mΩ
P-MOSFET on resistance
RDS(ON)_P
SWA, SWD
45
mΩ
Quiescent current
IQ
VFB = 0.55V, VIN = 2.5V,
VOUT = 3.3V, test VOUT
25
μA
VFB = 0.55V, VIN = 2.5V,
VOUT = 3.3V, test VIN
3.3
μA
Shutdown current
ISD
VEN = 0V, TJ = 25°C
3
μA
Soft-start time (8)
tSS
Internal VREF from 0V to 0.5V
2
ms
EN/MODE low input voltage
0.4
V
EN/MODE high input voltage
1.2
V
EN input current
IEN
VEN = 3.3V
2.1
μA
VEN = 0V
0
μA
Thermal shutdown (8)
TSHDN
160
°C
Thermal shutdown hysteresis (8)
THYS
20
°C
Notes:
7)
Not tested in production. Guaranteed by over-temperature correlation.
8)
Not tested in production. Guaranteed by sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com