Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1694635 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1694635
Description  SAC-5P-M12MS/0,3-PUR/M12FR-3L - Sensor/actuator cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1694635 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1694635 Datasheet HTML 1Page - PHOENIX CONTACT 1694635 Datasheet HTML 2Page - PHOENIX CONTACT 1694635 Datasheet HTML 3Page - PHOENIX CONTACT 1694635 Datasheet HTML 4Page - PHOENIX CONTACT 1694635 Datasheet HTML 5Page - PHOENIX CONTACT 1694635 Datasheet HTML 6Page - PHOENIX CONTACT 1694635 Datasheet HTML 7Page - PHOENIX CONTACT 1694635 Datasheet HTML 8Page - PHOENIX CONTACT 1694635 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Number of positions
5
Coding type
A
Connection 2
Type
Socket angled M12
Number of positions
5
Coding type
A
Cable/line
Cable length
0.3 m
PUR halogen-free black [PUR]
Dimensional drawing
Cable weight
33 kg/km
UL AWM Style
20549
Number of positions
5
Shielded
no
Cable type
PUR halogen-free black [PUR]
Conductor structure signal line
42x 0.10 mm
AWG signal line
22
Conductor cross section
5x 0.34 mm² (Signal line)
Wire diameter incl. insulation
1.27 mm 0.05 mm (Signal line)
External cable diameter
4.55 mm ±0.15 mm
Outer sheath, material
PUR
External sheath, color
black-gray RAL 7021
Conductor material
Bare Cu litz wires
Material wire insulation
PP
Single wire, color
brown, white, blue, black, green-yellow
Thickness, insulation
approx. 0.50 mm
Max. conductor resistance
max. 58 Ω/km (at 20 °C)
Insulation resistance
≥ 16 GΩ*km (at 20 °C)
Nominal voltage, cable
300 V
Test voltage
3000 V
Smallest bending radius, fixed installation
23 mm
Smallest bending radius, movable installation
46 mm
Max. bending cycles
4000000
Bending radius
50 mm
Traversing path
10 m
SAC-5P-M12MS/0,3-PUR/M12FR-3L - Sensor/actuator
cable
1694635
https://www.phoenixcontact.com/us/products/1694635
Jul 26, 2024, 5:15 AM
Page 3 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com