Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1694635 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1694635
Description  SAC-5P-M12MS/0,3-PUR/M12FR-3L - Sensor/actuator cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1694635 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1694635 Datasheet HTML 1Page - PHOENIX CONTACT 1694635 Datasheet HTML 2Page - PHOENIX CONTACT 1694635 Datasheet HTML 3Page - PHOENIX CONTACT 1694635 Datasheet HTML 4Page - PHOENIX CONTACT 1694635 Datasheet HTML 5Page - PHOENIX CONTACT 1694635 Datasheet HTML 6Page - PHOENIX CONTACT 1694635 Datasheet HTML 7Page - PHOENIX CONTACT 1694635 Datasheet HTML 8Page - PHOENIX CONTACT 1694635 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, Plug straight M12,
coding: A, with 3 LEDs, on Socket angled M12, coding: A, with 3 LEDs, cable length: 0.3 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Convenient: increased machine availability thanks to quick and easy diagnostics
•
Commercial data
Item number
1694635
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF03
Product key
BF1CDA
Catalog page
Page 201 (C-2-2019)
GTIN
4017918459222
Weight per piece (including packing)
29.3 g
Weight per piece (excluding packing)
29.3 g
Customs tariff number
85444290
Country of origin
PL
SAC-5P-M12MS/0,3-PUR/M12FR-3L - Sensor/actuator
cable
1694635
https://www.phoenixcontact.com/us/products/1694635
Jul 26, 2024, 5:15 AM
Page 1 (17)


Similar Part No. - 1694635

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
169463 ADELS-169463 Datasheet
117Kb / 1P
AC 166 VSE black
12/11/2019
More results

Similar Description - 1694635

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1439609 PHOENIX-1439609 Datasheet
45Kb / 2P
Sensor/Actuator cable - SAC-5P-M12MS/0,3-PUR/AD-2L
1454545 PHOENIX-1454545 Datasheet
112Kb / 5P
Sensor/actuator cable - SAC-5P-M12MS/ 2,0-802/M12FR
12/05/2018
1457319 PHOENIX-1457319 Datasheet
152Kb / 11P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-802/M12FR-3L
09/11/2020
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1531073 PHOENIX-1531073 Datasheet
108Kb / 4P
Sensor/actuator cable - SAC-5P- 0,3-PUR/M12FS SH
12/06/2018
1669903 PHOENIX-1669903 Datasheet
142Kb / 11P
Sensor/actuator cable - SAC-5P- 5,0-PUR/M12FR-3L
09/11/2020
1681211 PHOENIX-1681211 Datasheet
84Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR-3L
12/07/2018
1696400 PHOENIX-1696400 Datasheet
86Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR
12/02/2018
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com