Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA3000 Datasheet(PDF) 7 Page - VTI technologies

Part # SCA3000
Description  3-axis accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 7 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 3Page - VTI technologies SCA3000 Datasheet HTML 4Page - VTI technologies SCA3000 Datasheet HTML 5Page - VTI technologies SCA3000 Datasheet HTML 6Page - VTI technologies SCA3000 Datasheet HTML 7Page - VTI technologies SCA3000 Datasheet HTML 8Page - VTI technologies SCA3000 Datasheet HTML 9Page - VTI technologies SCA3000 Datasheet HTML 10Page - VTI technologies SCA3000 Datasheet HTML 11Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SCA3000 Assembly Instructions
The reel dimensions are presented in figure 6 and table 3 below (dimensions are in millimeters
[mm]).
Figure 6. Reel dimensions.
Table 3. SCA3000 Packing reel dimensions [mm].
A
N
W1
W2max
M
330
100
24.4
30.4
∅ 13.0
±1
+2.0
-0.2/+0.5
Both tape and reel are ESD materials and they are suitable for baking for 24 hours at +125°C.
VTI Technologies Oy
Subject to changes
7/15
www.vti.fi
TN54
Rev.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com