Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA3000 Datasheet(PDF) 9 Page - VTI technologies

Part # SCA3000
Description  3-axis accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 9 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 5Page - VTI technologies SCA3000 Datasheet HTML 6Page - VTI technologies SCA3000 Datasheet HTML 7Page - VTI technologies SCA3000 Datasheet HTML 8Page - VTI technologies SCA3000 Datasheet HTML 9Page - VTI technologies SCA3000 Datasheet HTML 10Page - VTI technologies SCA3000 Datasheet HTML 11Page - VTI technologies SCA3000 Datasheet HTML 12Page - VTI technologies SCA3000 Datasheet HTML 13Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SCA3000 Assembly Instructions
5.3
Stencil
The solder paste is applied onto the PWB by using stencil printing. The stencil thickness and
aperture determines the precise volume of solder paste deposited onto the land pattern. Stencil
alignment accuracy and consistent solder volume transfer are important parameters for achieving
uniform reflow soldering results. Too much solder paste can cause bridging and too little solder
paste can cause insufficient wetting. Generally the stencil thickness needs to be matched to the
needs of all components on the PWB.
For the SCA3000 MID-package the recommended stencil thickness is 5mils (127µm).
Stencil apertures in general should be 1:1 to PWB pad sizes, or stencil apertures could even be
reduced by 1mil (25.4µm) from all sides in regard to the PWB land pad size. This reduction of
aperture size can reduce bridging between solder joints.
5.4
Paste Printing
The paste printing speed should be adjusted according to the solder paste specifications. It is
recommended that care be taken during paste printing in order to ensure correct paste amount,
shape, position, and other printing characteristics. Neglecting any of these can cause open solder
joints, bridging, solder balling, or other unwanted soldering results.
5.5
Component Picking
The SCA3000 component can be picked from the carrier tape using either vacuum assist or
mechanical type pick heads. Typically a vacuum nozzle is used. Pick up nozzles are available in
various sizes and shapes to suit a variety of different component geometries. It is recommended
that different pick up nozzles are tested to find the best one. The polarity of the part must be
assured in taping process. The polarity of the part on tape is presented in figure 5 on page 4.
5.6
Component Placement
SCA3000 MID packages must be placed onto PWB accurately according to their geometry.
Positioning the packages manually is not recommended. Placement should be done with modern
automatic component pick & place machinery using vision systems.
Recognition of the packages automatically by a vision system enables correct centering of
packages.
5.7
Reflow Soldering
A forced convection reflow oven is recommended to be used for soldering SCA3000 components.
IR-based reflow ovens are not generally suitable for lead-free soldering. Figure 8 presents a
general forced convection reflow solder profile and it also shows the typical phases of a reflow
process.
The reflow profile used for soldering the SCA3000 package should always follow the solder paste
manufacturer's specifications and recommended profile. The typical ramp-up rate is 3°C/second
max. The reflow max. peak temperature (measured from the component body) should not exceed
260°C. The ramp down rate should be 6°C/second max.
VTI Technologies Oy
Subject to changes
9/15
www.vti.fi
TN54
Rev.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com