Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CLP Datasheet(PDF) 6 Page - Microsemi Corporation

Part # TL431CLP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431CLP Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button TL431CLP Datasheet HTML 2Page - Microsemi Corporation TL431CLP Datasheet HTML 3Page - Microsemi Corporation TL431CLP Datasheet HTML 4Page - Microsemi Corporation TL431CLP Datasheet HTML 5Page - Microsemi Corporation TL431CLP Datasheet HTML 6Page - Microsemi Corporation TL431CLP Datasheet HTML 7Page - Microsemi Corporation TL431CLP Datasheet HTML 8Page - Microsemi Corporation TL431CLP Datasheet HTML 9Page - Microsemi Corporation TL431CLP Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TL431 / TL431A / TL431B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 1999
Rev. 1.4, 2006-09-26
Precision programmable References
TM
®
CHARACT ER ISTIC CURVES
0
(T
A ) Ambient Temperature - ( °C)
2.5
-50
-25
0
25
50
75
100
125
V
KA = 36V
V
REF= 0
0.5
1
1.5
2
TL431/A
& TL431B
Figure 5 –
Off-State Cathode Current vs Free-Air Temperature
-1.25
-1.45
(T
A )
Ambient Temperature - (°C)
-0.85
-1.15
-50
-25
0
25
50
75
100
125
V
KA = 3V to 36V
-1.35
-1.05
-0.95
Figure 6 –
Ratio of Delta Reference Voltage to Delta Cathode
Voltage vs. Free-Air Temperature
120
100
(f) Frequency - (Hz)
260
140
10
100
1k
10k
100k
200
220
160
180
240
I
O = 10mA
T
A = 25 °C
Figure 7 –
Equivalent Input Noise Voltage vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com