Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CLP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # TL431CLP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431CLP Datasheet(HTML) 1 Page - Microsemi Corporation

  TL431CLP Datasheet HTML 1Page - Microsemi Corporation TL431CLP Datasheet HTML 2Page - Microsemi Corporation TL431CLP Datasheet HTML 3Page - Microsemi Corporation TL431CLP Datasheet HTML 4Page - Microsemi Corporation TL431CLP Datasheet HTML 5Page - Microsemi Corporation TL431CLP Datasheet HTML 6Page - Microsemi Corporation TL431CLP Datasheet HTML 7Page - Microsemi Corporation TL431CLP Datasheet HTML 8Page - Microsemi Corporation TL431CLP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TL431 / TL431A / TL431B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 1999
Rev. 1.4, 2006-09-26
Precision programmable References
TM
®
DESCRIPTION
The TL431/TL431A/TL431B series
precision adjustable three terminal
shunt voltage regulators are pin-to-pin
compatible with the industry standard
TL431. The output voltage of this
reference is programmable by using
two external resistors from 2.5V to
36V. These devices offer low output
impedance
for
improved
load
regulation.
The
typical
output
impedance of these devices is 200mΩ.
These devices find application in the
feedback path of switching power
supplies,
OVP
crowbar
circuits,
reference for A/D, D/A, and as zener
diodes
with
improved
turn-on
characteristics.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
INITIAL VOLTAGE REFERENCE
ACCURACY OF 0.4% (TL431B)
SINK CURRENT CAPABILITY 1mA
to 100mA
TYPICAL OUTPUT DYNAMIC
IMPEDANCE LESS THAN 200mΩ;
TYPICAL OUTPUT IMPEDANCE OF
THE TL431B LESS THAN 100mΩ
ADJUSTABLE OUTPUT VOLTAGE
FROM 2.5V TO 36V
AVAILABLE IN SURFACE-MOUNT
PACKAGES
LOW OUTPUT NOISE
TYPICAL EQUIVALENT FULL
RANGE TEMPERATURE
COEFFICIENT OF 30ppm/°C
DIRECT PIN-TO-PIN
REPLACEMENT FOR INDUSTRY
STANDARD TL431 AND TL1431
PRODUCT H I GHLIGHT
Precision Programmable References
TL431/A
& TL431B
R1
R2
V
OUT
V
IN
OREF
R1
V= 1+
•V
R2
⎛⎞
⎜⎟
⎝⎠
PACKAGE ORDER INFO
DM
Plastic SOIC
8-Pin
LP
Plastic TO-92
3-Pin
PK
Plastic TO-89
3 - Pin
TA (°C)
Initial
Tolerance
RoHS Compliant / Pb-free
Transition DC: 0440
RoHS Compliant / Pb-free
Transition DC: 0509
RoHS Compliant / Pb-free
Transition DC: 0518
2%
TL431CDM
TL431CLP
TL431CPK
1%
TL431ACDM
TL431ACLP
TL431ACPK
0 to 70
0.4%
TL431BCDM
TL431BCLP
TL431BCPK
2%
TL431IDM
TL431ILP
TL431IPK
1%
TL431AIDM
TL431AILP
TL431AIPK
-40 to 85
0.4%
TL431BIDM
TL431BILP
TL461BIPK
Note: All surface mount packages are available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LTL431AIDM-TR). The
TO-92 (LP) package is available in ammo-pack.


Similar Part No. - TL431CLP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431CLP MOTOROLA-TL431CLP Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431CLP ONSEMI-TL431CLP Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
NXP Semiconductors
TL431CLP PHILIPS-TL431CLP Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431CLP TI-TL431CLP Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431CLP FAIRCHILD-TL431CLP Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431CLP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com