Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5745 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA5745
Description  Low power mixers/oscillators for hyperband tuners
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5745 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA5745 Datasheet HTML 4Page - NXP Semiconductors TDA5745 Datasheet HTML 5Page - NXP Semiconductors TDA5745 Datasheet HTML 6Page - NXP Semiconductors TDA5745 Datasheet HTML 7Page - NXP Semiconductors TDA5745 Datasheet HTML 8Page - NXP Semiconductors TDA5745 Datasheet HTML 9Page - NXP Semiconductors TDA5745 Datasheet HTML 10Page - NXP Semiconductors TDA5745 Datasheet HTML 11Page - NXP Semiconductors TDA5745 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Mar 09
8
Philips Semiconductors
Preliminary specification
Low power mixers/oscillators for
hyperband tuners
TDA5744; TDA5745
Notes
1. This is the level of the RF signal (100% amplitude modulated with 11.89 kHz) that causes a 750 Hz frequency
deviation on the oscillator signal; it produces sidebands 30 dB below the level of the oscillator signal.
2. The frequency shift is defined as the change of the oscillator frequency when the supply voltage varies from
VCC = 5 to 4.5 V or from VCC = 5 to 5.25 V. The oscillator is free-running during this measurement.
3. The frequency drift is defined as the change of the oscillator frequency when the ambient temperature varies from
Tamb =25to0 °C or from Tamb =25to50 °C. The oscillator is free-running during this measurement.
4. The switching on drift is defined as the change of the oscillator frequency between 5 seconds and 15 minutes after
switching on. The oscillator is free-running during this measurement.
5. The ripple susceptibility is measured for a 500 kHz ripple at the IF amplifier output using the measurement circuit;
the level of the ripple signal is increased until a difference of 53.5 dB between the IF carrier set at 100 dB
µV and the
sideband components is reached.
6. Channel x beat: picture carrier frequency (fpc) and sound carrier frequency (fsc) both at 80 dBµV.
The rejection of the interfering product fpc(RF) +fsc(RF) − fosc at 35.35 MHz should be >60 dB.
7. Channel S02: fpc is 76.25 MHz at 70 dBµV; fosc = 115.15 MHz.
The rejection of fosc − 2 × fIF = 37.35 MHz should be >66 dB.
UHF oscillator
fosc
oscillator frequency
446.15
−
894.15 MHz
∆f
osc(V)
oscillator frequency shift
with supply voltage
∆VCC = 5%; note 2
−
30
80
kHz
∆V
CC = 10%; worst case in the
frequency range; note 2
−
80
tbf
kHz
∆f
osc(T)
oscillator frequency drift
with temperature
∆T=25 °C; with compensation; worst
case in the frequency range; note 3
−
600
tbf
kHz
∆fosc(t)
oscillator frequency drift
with time
worst case in the frequency range;
note 4
−
200
tbf
kHz
Φ
osc
phase noise,
carrier-to-noise sideband
±100 kHz frequency offset; worst case
in the frequency range
−
106
−
dBc/Hz
RSC(p-p)
ripple susceptibility of VCC
(peak-to-peak value)
VCC = 5 V; worst case in the frequency
range; ripple frequency 500 kHz; note 5
15
20
−
mV
Rejection at the IF amplifier output
INTCHX
channel x beat
note 6
60
−−
dBc
INTS02
S02 beat
note 7
66
−−
dBc
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com