Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5745 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5745
Description  Low power mixers/oscillators for hyperband tuners
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5745 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5745 Datasheet HTML 9Page - NXP Semiconductors TDA5745 Datasheet HTML 10Page - NXP Semiconductors TDA5745 Datasheet HTML 11Page - NXP Semiconductors TDA5745 Datasheet HTML 12Page - NXP Semiconductors TDA5745 Datasheet HTML 13Page - NXP Semiconductors TDA5745 Datasheet HTML 14Page - NXP Semiconductors TDA5745 Datasheet HTML 15Page - NXP Semiconductors TDA5745 Datasheet HTML 16Page - NXP Semiconductors TDA5745 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1998 Mar 09
13
Philips Semiconductors
Preliminary specification
Low power mixers/oscillators for
hyperband tuners
TDA5744; TDA5745
Fig.11 Measurement circuit.
The pin numbers in parenthesis represent the TDA5745.
handbook, full pagewidth
MGM467
1 (24)
2 (23)
3 (22)
4 (21)
UHFIN1
UHFIN2
VHFIN
RFGND
5 (20)
15 pF
15 pF
1
2
3
6
4
7
8
6 (19)
7 (18)
8 (17)
IFFIL1
IFFIL2
n.c.
n.c.
9 (16)
10 (15)
11 (14)
12 (13)
BS
n.c.
n.c.
n.c.
P9
(12) 13
(11) 14
IFOUT1
(10) 15
(9) 16
(8) 17
(7) 18
(6) 19
VCC
GND
IFOUT2
UHFOSCIB1
UHFOSCOC1
UHFOSCOC2
(5) 20
(4) 21
(3) 22
(2) 23
(1) 24
UHFOSCIB2
VHFOSCIB1
VHFOSCOC2
VHFOSCOC1
TDA5744
(TDA5745)
C1
P1
P2
P3
1 nF
C3
1 nF
C6
1 nF
UHF1
UHF2
VHF
C13
C11
1.2 k
Ω
330
Ω
10
µF
(16 V)
10
µF
(16 V)
VHFH
LED-3Y
330
Ω
VHFL
LED-3R
330
Ω
UHF
R10
R8
R11
LED-3G
D6
D5
D7
R18
50
Ω
R22
C27
C28
for test purpose only
VCC
+VCC
VCC
TR1
BC847B
Vripple
J5
J1
J2
J3
J4
VHFOSCIB2
C17
1 pF
1 pF
1 pF
1 pF
C8
2.2 pF
C16
C7
2.2 pF
C14
C4
R21
2.2 pF
C12
C2
D1
BB149
150 pF
C9
100
pF
D3
BA792
D2
BB152
R9
4.7 k
Ω
L2
30 nH
L4
80 nH
L5
16 nH
C18
10 pF
4.7 nF
C5
4.7 nF
C10
47 pF
C15
R6
22 k
Ω
R2
22
k
Ω
L6
30 nH
1
µH
L1
R4 1.5 k
Ω
R5 2.7 k
Ω
R3 22 k
Ω
22 k
Ω
R1 1.5 k
Ω
22 k
Ω
R7
D4
BB149
VHFH
VHFL
+33 V
AGND
tuning
voltage
P6
+5 V
1234
C22
10 nF
C24
10 nF
L8
80 nH
L9
80 nH
C20
1 nF
C19
1 nF
C21
18 pF
1
2
3
6
L7
4
7
8
IF
OUT
P4
for test purpose only
L3
TOKO 7 km
L value/C value
R16
22 k
Ω
R14
22 k
Ω
+VCC
+VCC
P8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com