Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5737M Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA5737M
Description  5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5737M Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA5737M Datasheet HTML 17Page - NXP Semiconductors TDA5737M Datasheet HTML 18Page - NXP Semiconductors TDA5737M Datasheet HTML 19Page - NXP Semiconductors TDA5737M Datasheet HTML 20Page - NXP Semiconductors TDA5737M Datasheet HTML 21Page - NXP Semiconductors TDA5737M Datasheet HTML 22Page - NXP Semiconductors TDA5737M Datasheet HTML 23Page - NXP Semiconductors TDA5737M Datasheet HTML 24Page - NXP Semiconductors TDA5737M Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1997 Feb 24
21
Philips Semiconductors
Product specification
5 V VHF, hyperband and UHF mixers/oscillators
for TV and VCR 3-band tuners
TDA5736; TDA5737
INTERNAL PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
AVERAGE DC VOLTAGE IN (V)(1)
measured in circuit of Fig.17
TDA5736
TDA5737
BAND A
BAND B
BAND C
IFIN1
1
24
3.6
3.6
3.6
IFIN2
2
23
3.6
3.6
3.6
RFGND
3
22
0
0
0
CIN1
4
21
NR
NR
1.0
CIN2
5
20
NR
NR
1.0
AIN
6
19
1.8
NR
NR
BIN1
7
18
NR
1.0
NR
BIN2
8
17
NR
1.0
NR
VP
9
16
supply voltage
5.0
5.0
5.0
2
1
MGE977
(24)
(23)
3
MGE978
(22)
4
(21)
(20)
5
MGE979
6
MGE980
(19)
7
8
MGE981
(18)
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com