Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5737M Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA5737M
Description  5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5737M Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA5737M Datasheet HTML 1Page - NXP Semiconductors TDA5737M Datasheet HTML 2Page - NXP Semiconductors TDA5737M Datasheet HTML 3Page - NXP Semiconductors TDA5737M Datasheet HTML 4Page - NXP Semiconductors TDA5737M Datasheet HTML 5Page - NXP Semiconductors TDA5737M Datasheet HTML 6Page - NXP Semiconductors TDA5737M Datasheet HTML 7Page - NXP Semiconductors TDA5737M Datasheet HTML 8Page - NXP Semiconductors TDA5737M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1997 Feb 24
3
Philips Semiconductors
Product specification
5 V VHF, hyperband and UHF mixers/oscillators
for TV and VCR 3-band tuners
TDA5736; TDA5737
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5736T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA5736M
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA5737M
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
handbook, full pagewidth
MGE971
BAND A
OSCILLATOR
BAND C
OSCILLATOR
BAND B
OSCILLATOR
MIXER
MIXER
MIXER
BAND B
STAGE
BAND C
STAGE
BAND A
STAGE
DC
STABILIZER
LOCAL
OSCILLATOR
AMPLIFIER
ELECTRONIC
BAND
SWITCH
IF
AMPLIFIER
band switch
input
TDA5736T
TDA5736M
TDA5737M
RF
GND
band A
input
band B
inputs
VP
band C
inputs
IF
filter input
band C oscillator
tuned cicuit
band B oscillator
tuned cicuit
IF outputs
local oscillator
amplifier outputs
band A oscillator
tuned cicuit
GND
(24)
1
(23)
2
(19)
6
(21)
4
(20)
5
(22)
3
(18)
7
(17)
8
(16)
9
(15)
10
(14)
11
(13)
12
15
(10)
14
(11)
13
(12)
21
(4)
23
(2)
19
(6)
17
(8)
16
(9)
22
(3)
24
(1)
20
(5)
18
(7)
Fig.1 Block diagram.
The numbers in parenthesis represent the TDA5737M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com