Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5745TS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA5745TS
Description  Low power mixers/oscillators for hyperband tuners
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5745TS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA5745TS Datasheet HTML 2Page - NXP Semiconductors TDA5745TS Datasheet HTML 3Page - NXP Semiconductors TDA5745TS Datasheet HTML 4Page - NXP Semiconductors TDA5745TS Datasheet HTML 5Page - NXP Semiconductors TDA5745TS Datasheet HTML 6Page - NXP Semiconductors TDA5745TS Datasheet HTML 7Page - NXP Semiconductors TDA5745TS Datasheet HTML 8Page - NXP Semiconductors TDA5745TS Datasheet HTML 9Page - NXP Semiconductors TDA5745TS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 Mar 09
6
Philips Semiconductors
Preliminary specification
Low power mixers/oscillators for
hyperband tuners
TDA5744; TDA5745
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
CHARACTERISTICS
VCC =5V; Tamb =25 °C; unless otherwise specified; measured in Fig.11.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
IO(n)
output current of each pin to ground:
for TDA5744; pins 1 to 6, 9 and 13 to 24
−−10
mA
for TDA5745; pins 1 to 12, 16 and 19 to 24
−−10
mA
tsc(max)
maximum short-circuit time (all pins to VCC and all pins to GND and RFGND)
−
10
s
Tstg
IC storage temperature
−40
+150
°C
Tamb
operating ambient temperature
−20
+85
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
119
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
supply voltage
4.5
5
5.5
V
ICC
supply current
−
58
65
mA
Vsw(VHF)
VHF band switching voltage
0
−
2V
Vsw(UHF)
UHF band switching voltage
3
−
VCC
V
Isw(VHF)
VHF band switching current
−−
2
µA
Isw(UHF)
UHF band switching current Vsw(UHF) =5V
−
4.5
10
µA
IF amplifier
S22
output reflection coefficient
magnitude
−−12.5 −
dB
phase
−
1.4
−
deg
Rs
real part of Zo =Rs +jωLs
−
81
−Ω
Ls
imaginary part of
Zo =Rs +jωLs
−
9.5
−
nH
VHF mixer (including IF amplifier)
fi(RF)
RF input frequency
picture carrier frequency
45.25
−
399.25 MHz
F
noise figure
fRF = 50 MHz; see Figs 8 and 9
−
79
dB
fRF = 150 MHz; see Figs 8 and 9
−
810
dB
fRF = 300 MHz
−
911
dB
gos
optimum source
conductance for noise figure
fRF =50MHz
−
0.7
−
mS
fRF = 150 MHz
−
0.9
−
mS
fRF = 300 MHz
−
1.5
−
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com