Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5745TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA5745TS
Description  Low power mixers/oscillators for hyperband tuners
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5745TS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA5745TS Datasheet HTML 1Page - NXP Semiconductors TDA5745TS Datasheet HTML 2Page - NXP Semiconductors TDA5745TS Datasheet HTML 3Page - NXP Semiconductors TDA5745TS Datasheet HTML 4Page - NXP Semiconductors TDA5745TS Datasheet HTML 5Page - NXP Semiconductors TDA5745TS Datasheet HTML 6Page - NXP Semiconductors TDA5745TS Datasheet HTML 7Page - NXP Semiconductors TDA5745TS Datasheet HTML 8Page - NXP Semiconductors TDA5745TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Mar 09
2
Philips Semiconductors
Preliminary specification
Low power mixers/oscillators for
hyperband tuners
TDA5744; TDA5745
FEATURES
• Mixers/oscillators for hyperband tuners
• Balanced mixer with a common emitter input for VHF
(single input)
• Balanced mixer with a common base input for UHF
(double input)
• 4-pin common emitter oscillator for VHF
• 4-pin common emitter oscillator for UHF
• Electronic band switch
• IF amplifier with a low output impedance to drive the
SAW filter directly (
≈2kΩ load)
• Low power, low radiation and small size
• Pin compatible single-chip synthesizer mixer/oscillator
for Full Scale Tuners (FST) are available: TDA6404,
TDA6405 and TDA6405A.
APPLICATIONS
• Hyperband tuners for Europe using a 2-band
mixer/oscillator in a switched concept.
GENERAL DESCRIPTION
The TDA5744 and TDA5745 are 2-band mixers/oscillators
intended for VHF/UHF and hyperband tuners (see Fig.1).
The Integrated Circuits (ICs) include two double balanced
mixers and two oscillators, for the VHF and UHF band, and
an IF amplifier. With proper oscillator application and by
using a switchable inductor to split the VHF band into two
sub-bands (the full VHF/UHF and hyperband) the TV
bands can be covered. Two pins are available between
the mixer output and the IF amplifier input to enable IF
filtering for improved signal handling. Band selection is
made by band switch pin BS.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
operating
4.5
5
5.5
V
ICC
supply current
−
58
−
mA
Tstg
IC storage temperature
−40
−
+150
°C
Tamb
operating ambient temperature
−20
−
+85
°C
fi(RF)
RF input frequency
VHF band
45.25
−
399.25 MHz
UHF band
407.25
−
855.25 MHz
GV
voltage gain
VHF band
−
27
−
dB
UHF band
−
38
−
dB
F
noise figure
VHF band
−
8
−
dB
UHF band
−
8.5
−
dB
Vo
output voltage causing 1% cross
modulation in channel
VHF band
−
119
−
dB
µV
UHF band
−
118
−
dB
µV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5744TS;
TDA5745TS
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com