Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6403 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA6403
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6403 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA6403 Datasheet HTML 5Page - NXP Semiconductors TDA6403 Datasheet HTML 6Page - NXP Semiconductors TDA6403 Datasheet HTML 7Page - NXP Semiconductors TDA6403 Datasheet HTML 8Page - NXP Semiconductors TDA6403 Datasheet HTML 9Page - NXP Semiconductors TDA6403 Datasheet HTML 10Page - NXP Semiconductors TDA6403 Datasheet HTML 11Page - NXP Semiconductors TDA6403 Datasheet HTML 12Page - NXP Semiconductors TDA6403 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
2000 Jan 24
9
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Table 5
Description of symbols used in Tables 3 and 4
Table 6
Address selection (I2C-bus mode)
Table 7
Test modes
Notes
1. This is the default mode at power-on reset.
2. The ADC input cannot be used when these test modes are active; see Section “Read mode; R/W = 1 (see Table 9)”
for more information.
SYMBOL
DESCRIPTION
A
acknowledge
MA1, MA0
programmable address bits (see Table 6)
N14 to N0
programmable divider bits; N = N14
× 214 + N13 × 213 + ... + N1 × 21 +N0
CP
charge pump current:
CP =0=60
µA
CP = 1 = 280
µA (default)
T2, T1,T0
test bits (see Table 7)
RSA, RSB
reference divider ratio select bits (see Table 8)
OS
tuning amplifier control bit:
OS = 0; normal operation; tuning voltage is ‘ON’ (default)
OS = 1; tuning voltage is ‘OFF’ (high-impedance)
PVHFL, PVHFH, PUHF, FMST
PNP ports control bits:
bit = 0; buffer n is ‘OFF’ (default)
bit = 1; buffer n is ‘ON’
X
don’t care
MA1
MA0
VOLTAGE APPLIED ON CE INPUT (SW = GND)
0
0
0Vto0.1
× V
CC
0
1
open or 0.2
× VCC to 0.3 × VCC
1
0
0.4
× VCC to 0.6 × VCC
1
1
0.9
× VCC to 1.0 × VCC
T2
T1
T0
TEST MODES
0
0
0
automatic charge pump switched off
0
0
1
automatic charge pump switched on (note 1)
0
1
X
charge pump is ‘OFF’
1
1
0
charge pump is sinking current
1
1
1
charge pump is sourcing current
100
fREF is available on pin LOCK/ADC (note 2)
101
1
⁄2fDIV is available on pin LOCK/ADC (note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com