Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6403 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA6403
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6403 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA6403 Datasheet HTML 28Page - NXP Semiconductors TDA6403 Datasheet HTML 29Page - NXP Semiconductors TDA6403 Datasheet HTML 30Page - NXP Semiconductors TDA6403 Datasheet HTML 31Page - NXP Semiconductors TDA6403 Datasheet HTML 32Page - NXP Semiconductors TDA6403 Datasheet HTML 33Page - NXP Semiconductors TDA6403 Datasheet HTML 34Page - NXP Semiconductors TDA6403 Datasheet HTML 35Page - NXP Semiconductors TDA6403 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
2000 Jan 24
32
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
CP
16
13
1.9
1.9
VT
17
12
VVT
VVT
XTAL
18
11
3.4
3.4
VCC
19
10
supply voltage
5.0
5.0
IFOUT
20
9
2.1
2.1
GND
21
8
0.0
0.0
OSCGND
23
6
0.0
0.0
SYMBOL
PIN
DESCRIPTION(1)
AVERAGE DC VOLTAGE (V)
(measured in Fig.19)
TDA6402;
TDA6402A
TDA6403;
TDA6403A
VHF
UHF
MGE714
16
(13)
MGE715
17
(12)
MGE716
18
(11)
MGE717
20
(9)
MGE718
21
(8)
MGE719
23
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com