Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16WS-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # BAS16WS-HF
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS16WS-HF Datasheet(HTML) 1 Page - Comchip Technology

  BAS16WS-HF Datasheet HTML 1Page - Comchip Technology BAS16WS-HF Datasheet HTML 2Page - Comchip Technology BAS16WS-HF Datasheet HTML 3Page - Comchip Technology BAS16WS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Switching Diode
BAS16WS-HF
RoHS Device
Maximum Rating (at Ta=25°C unless otherwise noted)
Halogen Free
Features
- Fast switching device (Trr < 6.0nS).
- Power dissipation of 250mW.
- High stability and high reliability.
- Low reverse leakage.
Note: Valid provided that electrodes are kept at ambient temperature.
V
75
VR
Reverse voltage
Parameter
Symbol
Value
Unit
mW
mA
250
250
85
PD
Io
VRRM
Power dissipation
Average rectified current
Peak repetitive reverse voltage
IFSM
2
A
°C
Tj
°C
-55 to +150
TSTG
Storage temperature range
Operating junction temperature
150
°C/W
500
RθJA
Thermal resistance from junction to ambient
V
Comchip Technology CO., LTD.
REV:A
Page 1
QW-J0046
Dimensions in inches and (millimeter)
SOD-323
0.071(1.80)
0.063(1.60)
0.010(0.25)
0.014(0.35)
0.106(2.70)
0.098(2.50)
0.055(1.40)
0.047(1.20)
0.035(0.90)
0.000(0.00)
0.004(0.10)
0.016(0.40)
0.006(0.15)
0.003(0.08)
0.031(0.80)
0.010(0.25)
Mechanical data
- Case: SOD-323, molded plastic.
- Polarity: Color band denotes cathode end.
- Mounting position: Any.
Circuit Diagram
Non-repetitive peak forward surge current @ t=8.3ms


Similar Part No. - BAS16WS-HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS16WS-HE3-08 VISHAY-BAS16WS-HE3-08 Datasheet
86Kb / 4P
Small Signal Fast Switching Diode
14-Oct-16
BAS16WS-HE3-08 VISHAY-BAS16WS-HE3-08 Datasheet
85Kb / 4P
Small Signal Fast Switching Diode
12-Jul-17
BAS16WS-HE3-18 VISHAY-BAS16WS-HE3-18 Datasheet
86Kb / 4P
Small Signal Fast Switching Diode
14-Oct-16
BAS16WS-HE3-18 VISHAY-BAS16WS-HE3-18 Datasheet
85Kb / 4P
Small Signal Fast Switching Diode
12-Jul-17
More results

Similar Description - BAS16WS-HF

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com