Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16WS-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAS16WS-HF
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS16WS-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAS16WS-HF Datasheet HTML 1Page - Comchip Technology BAS16WS-HF Datasheet HTML 2Page - Comchip Technology BAS16WS-HF Datasheet HTML 3Page - Comchip Technology BAS16WS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
SMD Switching Diode
Comchip Technology CO., LTD.
REV:A
Page 2
QW-J0046
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
IR = 10µA
V(BR)
V
Reverse voltage
75
Reverse leakage current
µA
IR
VR = 75V
1
Forward voltage
1.00
1.25
0.715
VF
IF = 10mA
IF = 150mA
V
IF = 1mA
IF = 50mA
0.855
nS
6
TRR
Reverse recovery time
pF
2
CT
Capacitance
VR = 0V, f = 1MHz
IF = IR = 10mA, RL = 100Ω, IRR = 0.1 x IR
VR = 25V
nA
30
Typical Rating and Characteristic Curves (BAS16WS-HF)
Fig.3 - Capacitance Characteristics
Reverse Voltage, VR (V)
0
5
10
15
20
1.0
1.1
0.8
Ta=25°C
f=1MHz
Fig.4 - Power Derating Curve
Ambient Temperature, TA (°C)
0
0
25
50
75
100
125
150
200
250
300
50
150
100
0.9
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
0.01
0.4
0.6
0.8
1.0
1.2
10
100
250
Fig.2 - Reverse Characteristics
Reverse Voltage, VR (V)
0
20
40
60
80
10
100
10000
1
0.2
1
0.1
Ta=100°C
Ta=25°C
1000
Ta=100°C
Ta=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com