Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS4500 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 6Page - NXP Semiconductors FS4500 Datasheet HTML 7Page - NXP Semiconductors FS4500 Datasheet HTML 8Page - NXP Semiconductors FS4500 Datasheet HTML 9Page - NXP Semiconductors FS4500 Datasheet HTML 10Page - NXP Semiconductors FS4500 Datasheet HTML 11Page - NXP Semiconductors FS4500 Datasheet HTML 12Page - NXP Semiconductors FS4500 Datasheet HTML 13Page - NXP Semiconductors FS4500 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
Pin
number
Pin name
Type
Definition
parallel to the one used to set the VCORE voltage). If not used, this pin must be
connected directly to FB_CORE.
14
FS0B
D_OUT
First output of the safety block (active low). The pin is asserted low at start-up and
when a fault condition is detected. Open drain structure.
15
DEBUG
D_IN
Debug mode entry input
16
AGND
GROUND
Analog ground connection
17
MUX_OUT
A_OUT
Multiplexed output to be connected to a MCU ADC. Selection of the analog
parameter is available at MUX-OUT through the SPI.
18
19
IO_2:3
D_IN
Digital input pin with wake-up capability (logic level compatible)
Digital input: Pin status can be read through the SPI. Can be used to monitor
FCCU error signals from MCU for safety purposes.
Wake-up capability: Can be selectable to wake-up on edges or levels.
20
TXD
D_IN
Transceiver input from the MCU which controls the state of the CAN-bus. Internal
pull-up to VDDIO.
If CAN function is not used, this pin must be left open.
21
RXD
D_OUT
Receiver output which reports the state of the CAN-bus to the MCU
If CAN function is not used, this pin must be left open.
TXDL
D_IN
Transceiver input from the MCU controlling the state of the LIN bus. Internal pull-up
to VDDIO.
or VPU_FS A_OUT
Pull-up output for FS1B function.
22
LIN and FS1B functions are exclusive. The differentiation is made by part numbers. When LIN is available, FS1B
is not, and vice versa.
If neither LIN, nor FS1B functions are used, this pin must be left open.
23
RXDL
D_OUT
Receiver output reporting the state of the LIN bus to the MCU.
If LIN function is not used, this pin must be left open.
24
RSTB
D_OUT
This output is asserted low when the safety block reports a failure. The main
function is to reset the MCU. Reset input voltage is also monitored in order to detect
external reset and fault condition. Open drain structure.
25
MISO
D_OUT
SPI bus. primary input secondary output
26
MOSI
D_IN
SPI bus. primary output secondary input
27
SCLK
D_IN
SPI Bus. Serial clock
28
NCS
D_IN
Not chip select (active low)
29
INTB
D_OUT
This output pin generates a low pulse when an Interrupt condition occurs. Pulse
duration is configurable. Internal pull-up to VDDIO.
30
VDDIO
A_IN
Input voltage for MISO output buffer. Allows voltage compatibility with MCU I/Os.
31
SELECT
D_IN
Hardware selection pin for VAUX and VCCA output voltages
32
FB_CORE
A_IN
VCORE voltage feedback. Input of the error amplifier.
33
COMP_
CORE
A_OUT
Compensation network. Output of the error amplifier.
For FS4500 series, this pin must be left open (NC).
34
VCORE_
SNS
A_IN
VCORE input voltage sense
Table 3. FS6500/FS4500 pin definition...continued
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
10 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com