Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8003TS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8003TS
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8003TS Datasheet HTML 8Page - NXP Semiconductors TDA8003TS Datasheet HTML 9Page - NXP Semiconductors TDA8003TS Datasheet HTML 10Page - NXP Semiconductors TDA8003TS Datasheet HTML 11Page - NXP Semiconductors TDA8003TS Datasheet HTML 12Page - NXP Semiconductors TDA8003TS Datasheet HTML 13Page - NXP Semiconductors TDA8003TS Datasheet HTML 14Page - NXP Semiconductors TDA8003TS Datasheet HTML 15Page - NXP Semiconductors TDA8003TS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2000 Apr 20
12
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
Protections
The following main hardware fault conditions are
monitored by the circuit:
• Short circuits between VCC and other contacts
• Card take-off during transaction
• Supply drop-out.
When one of these problems is detected during a card
session, the security logic block pulls SIMERR to LOW, to
warn the microcontroller and initiates an automatic
deactivation of the contacts (see Fig.6).
I/O circuit
The Idle state is realized by both I/O and SIMI/O being
pulled HIGH (via a 10 k
Ω pull-up resistor from I/O to VCC
and via a 20 k
Ω pull-up resistor from SIMI/O to VDDI).
I/O is referenced to VCC and SIMI/O to VDDI, thus allowing
operation with VCC ≠ VDD ≠ VDDI.
When configuration bit I/OEN is logic 0, then I/O and
SIMI/O are independent, which allows parallelization of
several TDA8003TS with only one I/O line on the
microcontroller side (up to 4 different I2C-bus addresses).
When bit I/OEN is logic 1, then the data transmission
between I/O and SIMI/O is enabled.
The first side on which a falling edge occurs becomes the
master. An anti-latch circuit disables the detection of falling
edges on the other side, which becomes a slave.
After a delay time td (<500 ns) on the falling edge, the
N transistor on the slave side is turned on, thus
transmitting the logic 0 present on the master side.
When the master goes back to logic 1, the P transistor on
the slave side is turned on during td, and then both sides
return to their Idle states.
The maximum frequency on these lines is 1 MHz.
Fig.6 Emergency deactivation.
handbook, full pagewidth
MGR439
SIMERR
START
status readout
RST
I/O
VCC
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com