Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8003TS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8003TS
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8003TS Datasheet HTML 13Page - NXP Semiconductors TDA8003TS Datasheet HTML 14Page - NXP Semiconductors TDA8003TS Datasheet HTML 15Page - NXP Semiconductors TDA8003TS Datasheet HTML 16Page - NXP Semiconductors TDA8003TS Datasheet HTML 17Page - NXP Semiconductors TDA8003TS Datasheet HTML 18Page - NXP Semiconductors TDA8003TS Datasheet HTML 19Page - NXP Semiconductors TDA8003TS Datasheet HTML 20Page - NXP Semiconductors TDA8003TS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
2000 Apr 20
17
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
IIL
LOW-level input current
with internal 20 k
Ω pull-up resistor
to VDDI; VI =0V
−−
−100
µA
tt(DI)
data input transition time
CL =30pF
−−
1
µs
tt(DO)
data output transition time
CL =30pF
−−
0.5
µs
td
delay time on falling edge
−−
500
ns
Rpu(int)
internal pull-up resistance
between pins SIMI/O
and VDDI
16
−
26
k
Ω
Pin PRES
VIL
LOW-level input voltage
−0.3
−
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD + 0.3 V
IIL
LOW-level input current
−−
5
µA
IIH
HIGH-level input current
−−
−5
µA
Timing
tact
activation time
−−
150
µs
tde
deactivation time
−−
120
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com