Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5526 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP5526 Datasheet HTML 8Page - National Semiconductor (TI) LP5526 Datasheet HTML 9Page - National Semiconductor (TI) LP5526 Datasheet HTML 10Page - National Semiconductor (TI) LP5526 Datasheet HTML 11Page - National Semiconductor (TI) LP5526 Datasheet HTML 12Page - National Semiconductor (TI) LP5526 Datasheet HTML 13Page - National Semiconductor (TI) LP5526 Datasheet HTML 14Page - National Semiconductor (TI) LP5526 Datasheet HTML 15Page - National Semiconductor (TI) LP5526 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Functionality of Color LED
Outputs (RLED, GLED, BLED)
LP5526 has one RGB/color LED output, consisting of three
individual LED output pins. Output pins can be used in
switch mode or constant current mode. Output mode can be
selected with the control register (address 00H) bit CC_SW.
If the bit is set high, then RGB outputs are in switch mode,
otherwise in constant current mode. These modes are de-
scribed later in separate chapters.
RGB LED output control can be done in three ways:
1.
Defining the expected color and brightness with internal
PWM in RGB register (address 01H)
2.
Direct setting each LED ON/OFF via RGB Control reg-
ister (address 00H)
3.
External PWM control
1. BRIGHTNESS CONTROL WITH RGB REGISTER
If the RGB LED output is used by defining the balance and
brightness in the RGB register, then one needs to set EN-
_RGB bit high and RGB_PWM bit high in the Control register
(address 00H). RSW, GSW and BSW are used to enable
each LED output, enabled when written high. CC_SW de-
fines the LED output mode. A single register is used for
defining the color and brightness for the RGB LED output.
OVL bit selects overlapping/non-overlapping mode. Overlap-
ping mode is selected when OVL = 1.
CONTROL REGISTER (00H)
Name
Bit
Description
RGB_PWM
7
0 = Internal PWM control disabled
1 = Internal PWM control enabled
EN_RGB
6
0 = RGB outputs disabled
1 = RGB outputs enabled
CC_SW
5
0 = Constant current sink mode
1 = Switch mode
RSW
3
0 = RLED disabled
1 = RLED enabled
GSW
2
0 = GLED disabled
1 = GLED enabled
BSW
1
0 = BLED disabled
1 = BLED enabled
RGB REGISTER (01H)
COLOR[3:0]
7:4
Color for RGB LED output
BRIGHT[2:0]
3:1
Brightness control
OVL
0
0 = Non-overlapping mode
1 = Overlapping mode
Brightness control is logarithmic and is programmed as fol-
lows:
Bright[2:0]
Brightness [%]
Ratio to max
brightness
000
0
0
001
1.56
1/64
010
3.12
1/32
011
6.25
1/16
100
12.5
1/8
101
25
1/4
110
50
1/2
111
100
1/1
16 colors can be selected as follows. Please note that exact color depends on RGB LED current and type. Color setting is
valid only in non-overlapping mode.
COLOR[3:0]
RED
active [%]
GREEN
active [%]
BLUE
active [%]
RGB COLOR
0000
100
0
0
red
0001
0
100
0
green
0010
0
0
100
blue
0011
50
50
0
yellow
0100
0
50
50
cyan
0101
50
0
50
magenta
0110
33
33
33
white
0111
50
25
25
pink
1000
25
50
25
light green
1001
25
50
25
light blue
1010
25
25
50
orange
1011
75
25
0
deep pink
1100
0
75
25
spring green
1101
25
75
0
lawn green
1110
0
25
75
sky blue
1111
25
0
75
indigo
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com