Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5526 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LP5526 Datasheet HTML 13Page - National Semiconductor (TI) LP5526 Datasheet HTML 14Page - National Semiconductor (TI) LP5526 Datasheet HTML 15Page - National Semiconductor (TI) LP5526 Datasheet HTML 16Page - National Semiconductor (TI) LP5526 Datasheet HTML 17Page - National Semiconductor (TI) LP5526 Datasheet HTML 18Page - National Semiconductor (TI) LP5526 Datasheet HTML 19Page - National Semiconductor (TI) LP5526 Datasheet HTML 20Page - National Semiconductor (TI) LP5526 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Functionality of Color LED
Outputs (RLED, GLED, BLED)
(Continued)
When RLED, GLED and BLED are connected together as in
Typical Application 1, flash current can be adjusted with
8.33% step in constant current mode by changing RGB max
current register values as seen on following table. Note that
0% means that appropriate output is turned off by setting
RSW, GSW or BSW bit to 0.
I
R [%]
I
G [%]
I
B [%]
Total
current [%]
0
0
25
8.33
0
0
50
16.67
0
0
75
25.00
0
0
100
33.33
0
25
100
41.67
0
50
100
50.00
0
75
100
58.33
0
100
100
66.67
25
100
100
75.00
50
100
100
83.33
75
100
100
91.67
100
100
100
100
3. Using Flash Mode
In this mode Flash is triggered with external PWM pin and
pre-flash brightness is adjusted by adjusting the RGB max
current values. After flash pulse flash led will be shut down.
Write the pre-flash current values to RGB max current
register
Enable RGB functions and disable PWM mode (EN-
_RGB = 1, RGB_PWM = 0)
Enable flash mode (EN_FLASH = 1), make sure
GPIO[0]/PWM pin is in low state
Enable external PWM pin (EN_PWM_PIN = 1)
Start pre-flash by switching on the LEDs (RSW = 1, GSW
= 1, BSW = 1). Pre-flash brightness can be affected also
by setting on only one or two LEDs
Use EN_EXT_R_PWM, EN_EXT_G_PWM and EN-
_EXT_B_PWM bits to select which LED outputs are used
for flash
Start flash pulse by setting GPIO[0]/PWM pin high and
stop it by setting GPIO[0]/PWM pin low
During the flash pulse the LED outputs with EN_EXT_x-
_PWM bit enabled give out maximum current, regardless
of RGB max current register value or XSW values
Note: EN_FLASH bit must be set low, and then high again
before it is possible to make a new flash pulse.
20179704
Using Flash Mode
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com