Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8020 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8020
Description  Dual smart card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8020 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8020 Datasheet HTML 9Page - NXP Semiconductors TDA8020 Datasheet HTML 10Page - NXP Semiconductors TDA8020 Datasheet HTML 11Page - NXP Semiconductors TDA8020 Datasheet HTML 12Page - NXP Semiconductors TDA8020 Datasheet HTML 13Page - NXP Semiconductors TDA8020 Datasheet HTML 14Page - NXP Semiconductors TDA8020 Datasheet HTML 15Page - NXP Semiconductors TDA8020 Datasheet HTML 16Page - NXP Semiconductors TDA8020 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2001 Aug 15
13
Philips Semiconductors
Product specification
Dual smart card interface
TDA8020HL
THERMAL CHARACTERISTICS
CHARACTERISTICS
VDD = 3.3 V; VDDI = 1.5 V; fCLKIN1 =fCLKIN2 = 10 MHz; GND = 0 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
80
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Temperature
Tamb
ambient temperature
−25
−
+85
°C
Supply
VDD
supply voltage on pins VDD
and VDDA
2.5
−
6.5
V
IDD
supply current (IDD and IDDA) inactive mode
−−
150
µA
Power-down mode; 2 cards
activated; VCC1 =VCC2 =5V;
ICC1 =ICC2 = 100 µA; CLK1 and
CLK2 stopped
−−
2.5
mA
active mode; VCC1 =VCC2 =5V;
ICC1 +ICC2 = 80 mA;
CLK1 = CLK2 = 5 MHz
−−
400
mA
active mode; VCC1 =VCC2 =3V;
ICC1 =ICC2 = 10 mA;
CLK1 = CLK2 = 5 MHz
−−
80
mA
VDDI
supply voltage for interface
signals
1.5
−
VDD
V
IDDI
supply current for interface
signals
−−
120
µA
Vth1
threshold voltage on VDD
falling
2.1
−
2.4
V
Vhys1
hysteresis on Vth1
50
−
100
mV
Vth2
threshold voltage on
pin CDEL
−
1.38
−
V
VCDEL
voltage on pin CDEL
−−
VDD + 0.3
V
ICDEL
output current at pin CDEL
pin grounded (charge)
−−2
−µA
VCDEL =VDD (discharge)
−
5
−
mA
tW
width of the internal ALARM
pulse
CDEL =22nF
−
10
−
ms
DC/DC converter
fint
internal oscillator frequency
2
2.5
3
MHz
VUP
voltage on pin VUP
at least one 5 V card
−
5.5
−
V
both cards 3 V
−
4
−
V
Vdt
detection voltage for doubler,
tripler and follower selection
−
3.4
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com