Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8020 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8020
Description  Dual smart card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8020 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8020 Datasheet HTML 14Page - NXP Semiconductors TDA8020 Datasheet HTML 15Page - NXP Semiconductors TDA8020 Datasheet HTML 16Page - NXP Semiconductors TDA8020 Datasheet HTML 17Page - NXP Semiconductors TDA8020 Datasheet HTML 18Page - NXP Semiconductors TDA8020 Datasheet HTML 19Page - NXP Semiconductors TDA8020 Datasheet HTML 20Page - NXP Semiconductors TDA8020 Datasheet HTML 21Page - NXP Semiconductors TDA8020 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
220
Ω
1.5 to
6.5 k
Ω
1 k
Ω
100 k
Ω
100 k
Ω
0 k
Ω
100
nF
CARD_READ_LM01
CARD 2
+3.3 V
+1.5 V
+1.5 V
+1.5 to +6.5 V
+1.5 V
+3.3 V
+3.3 V
10
µF
(16 V)
10
µF
100 nF
10
µF
(16 V)
100 nF
33
µF
(16 V)
100 nF
220 nF
22 nF
220
nF
220 nF
10 pF
100 nF
100 nF
33 pF
14.745 MHz
33 pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
P0_0
VCC
P0_1
P0_2
P0_3
P0_4
P0_5
P0_6
P0_7
EA
ALE
PSEN
P2_7
P2_6
P2_5
P2_4
P2_3
P2_2
P2_1
P2_0
P1_0
P1_1
P1_2
P1_3
P1_4
P1_5
P1_6
P1_7
RST
P3_0
P3_1
P3_2
P3_3
P3_4
P3_5
P3_6
P3_7
XTAL2
XTAL1
VSS
C4
C3
C2
C1
C5I
C6I
C7I
C8I
C8
C7
C6
C5
C1I
C2I
C3I
C4I
K1
K2
TDA8020HL
FCE838
1
2
3
4
5
6
7
8
9
10111213141516
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
PRES1
CGND1
CLK1
VCC1
RST1
I/O2
PRES2
CGND2
SAD1
SAD0
SDA
SCL
VDD
SAM
AGND
SBM
100 k
Ω
0 k
Ω
100
nF
CARD_READ_LM01
CARD 1
+3.3 V
C4
C3
C2
C1
C5I
C6I
C7I
C8I
C8
C7
C6
C5
C1I
C2I
C3I
C4I
K1
K2
Fig.6 Application diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com