Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7447A Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC7447A
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447A Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC7447A_06 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7447A_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7447A_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7447A_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7447A_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7447A_06 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7447A_06 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7447A_06 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7447A_06 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
9
General Parameters
4
General Parameters
The following list is a summary of the general parameters of the MPC7447A:
Technology
0.13-
μm CMOS, nine-layer metal
Die size
8.51 mm
× 9.86 mm
Transistor count
48.6 million
Logic design
Fully-static
Packages
Surface mount 360 ceramic ball grid array (HCTE)
Surface mount RoHS-compliant 360 ceramic ball grid array (HCTE)
Surface mount 360 ceramic land grid array (HCTE)
Core power supply
1.3 V ± 50 mV DC (nominal), or
1.2 V ± 50 mV DC (derated)
I/O power supply
1.8 V ± 5% DC, or
2.5 V ± 5% DC
5
Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC7447A.
5.1
DC Electrical Characteristics
The tables in this section describe the MPC7447A DC electrical characteristics. Table 2 provides the
absolute maximum ratings.
Number of 32-byte sectors/line
2
Parity
Byte
Thermal Control
Dynamic frequency switching (DFS)
Yes
No
No
No
Thermal diode
Yes
No
No
No
Table 2. Absolute Maximum Ratings1
Characteristic
Symbol
Maximum Value
Unit Notes
Core supply voltage
VDD
–0.3 to 1.60
V
2
PLL supply voltage
AVDD
–0.3 to 1.60
V
2
Processor bus supply voltage
BVSEL = 0
OVDD
–0.3 to 1.95
V
3, 4
BVSEL = HRESET or OVDD
OVDD
–0.3 to 2.7
V
3, 5
Input voltage
Processor bus
Vin
–0.3 to OVDD + 0.3
V
6, 7
JTAG signals
Vin
–0.3 to OVDD + 0.3
V
—
Table 1. Microarchitecture Comparison (continued)
Microarchitectural Specs
MPC7447A
MPC7447
MPC7445
MPC7441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com