Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR081EJ Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPR081EJ
Description  Touch Pad Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR081EJ Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPR081EJ Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MPR081
Rev 0, 06/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Touch Pad Controller
The MPR081 is a user interface controller which manages a 16-position rotary
touch pad. The MPR081 uses an I2C interface to communicate with the host,
which configures the operation, and an interrupt to advise the host of status
changes.
The interrupt output, IRQ, indicates that rotary status has changed since the
MPR081 was last read. The maximum interrupt frequency can be limited to
sacrifice system response time in favor of power consumption for systems that
wake up out of sleep to respond to interrupts.
Features
•
1.8 V to 3.6 V operation
•
150 µA average supply current (all touch pads being monitored)
•
1 µA standby current
•
Supports a 16-position rotary interface
•
Proprietary false touch rejection technology
•
Ongoing pad analysis and detection not reset by EMI events
•
Rotary data changes are delivered from a FIFO for shortest access time
•IRQ output advises when FIFO has data
•
System can set interrupt behavior as immediate after event, or program a
minimum time between successive interrupts
•
Current rotary position is always available on demand for polling-based
systems
•
Sounder drive provides audible feedback to simulate mechanical key clicks
•
Digital output (I2C with custom addressing)
•
16-pin QFN and TSSOP packages
•
-40°C to +85°C operating temperature range
Implementations
•
Control Panels
•
Switch Replacements
•
Rotary and Linear Sliders
•
Touch Pads
Typical Applications
•
Appliances
•
PC Peripherals
•
Access Controls
•
MP3 Players
•
Remote Controls
•
Mobile Phones
ORDERING INFORMATION
Device Name
Temperature
Range
Case
Number
Rotary
Slider
MPR081Q
-40
°C to +85°C
1679
(16-Lead QFN)
16-Positions
MPR081EJ
948F
(16-Lead TSSOP)
MPR081
Touch Pad Controller
16-LEAD TSSOP
CASE 948F
Top View
Figure 1. Pin Connections
Bottom View
RS
RSW
RW
RNW
VDD
VSS
RST
IRQ
MPR081Q
16-LEAD QFN
CASE 1679
RN
RNE
RE
RSE
RS
RSW
RW
RNW
VDD
VSS
SCL
SDA
AD0
SOUNDER
RST
IRQ
MPR081EJ


Similar Part No. - MPR081EJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083 Datasheet
2Mb / 56P
Blood Pressure Monitor Using the Flexis QE128 Family
MPR083 FREESCALE-MPR083 Datasheet
460Kb / 35P
Proximity Capacitive Touch Sensor Controller
Rev 5, 06/2010
MPR083EJ FREESCALE-MPR083EJ Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
More results

Similar Description - MPR081EJ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKT8100A EMC-EKT8100A Datasheet
963Kb / 37P
Capacitive Touch Pad Controller
logo
Axiomtek Co., Ltd.
AX7042 AXIOMTEK-AX7042_16 Datasheet
156Kb / 1P
1U Keyboard Drawer with Touch Pad
logo
Tontek Design Technolog...
TTP224B-SQBN TONTEK-TTP224B-SQBN Datasheet
278Kb / 9P
4 keys Touch Pad Detector IC
TTP224N-BSB TONTEK-TTP224N-BSB Datasheet
281Kb / 9P
4 KEY TOUCH PAD DETECTOR IC
TTP224N-DO8 TONTEK-TTP224N-DO8 Datasheet
249Kb / 8P
2 KEY TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP232-CA6 TONTEK-TTP232-CA6 Datasheet
348Kb / 8P
2 keys Touch Pad Detector IC
TTP239 TONTEK-TTP239 Datasheet
308Kb / 16P
8 keys Touch Pad Detector IC
logo
Shenzhen Huazhimei Semi...
HM223B HMSEMI-HM223B Datasheet
583Kb / 8P
1 key Touch Pad Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com