Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR081EJ Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPR081EJ
Description  Touch Pad Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR081EJ Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPR081EJ Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR081EJ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MPR081
Sensors
2
Freescale Semiconductor
Table 1. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Voltage (with respect to VSS)
VDD
All other pins
—
-0.3 to +3.8
VSS-0.3 to VDD+0.3
V
V
Operating Temperature Range
TA
-40 to +85
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Table 2. ESD and Latch-Up Protection Characteristics
Rating
Symbol
Value
Unit
Human Body Model
HBM
±2000
V
Machine Model
MM
±200
V
Charge Device Model
CDM
±500
V
Latch-Up Current at TA = 85°C
—
±100
mA
Table 3. DC Characteristics
(Typical Operating Circuit, V+ =1.8 V to 3.6 V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 3.3 V, TA = +25°C.)
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Operating Supply Voltage
V+
—
1.8
3.6
V
Standby Current
(I2C Interface idle)
I+
SCL and SDA at V+ or GND
TBD
µA
Input High Voltage
SDA, SCL
VIH
—0.7 x VDD
—
—
V
Input Low Voltage
SDA, SCL
VIL
—
—
—
0.35 x VDD
V
Input Leakage Current
SDA, SCL
IIH, IIL
——
0.025
1
µA
Input Capacitance
SDA, SCL
———
—
7
pF
Output Low Voltage
SDA, IRQ
VOL
IOL = 6 mA
—
—
0.5
V
Table 4. Interrupt IRQ Timing Characteristics
(Typical Operating Circuit, V+ = 1.8 V to 3.6 V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 3.3 V, TA = +25°C.)
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
IRQ Reset delay time from STOP
tIP
CL ≤ 100 pF
—
—
TBD
µs
IRQ Reset delay time from acknowledge
tIR
CL ≤ 100 pF
—
—
TBD
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com