Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP23016 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP23016
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP23016 Datasheet HTML 30Page - Microchip Technology MCP23016 Datasheet HTML 31Page - Microchip Technology MCP23016 Datasheet HTML 32Page - Microchip Technology MCP23016 Datasheet HTML 33Page - Microchip Technology MCP23016 Datasheet HTML 34Page - Microchip Technology MCP23016 Datasheet HTML 35Page - Microchip Technology MCP23016 Datasheet HTML 36Page - Microchip Technology MCP23016 Datasheet HTML 37Page - Microchip Technology MCP23016 Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2007 Microchip Technology Inc.
DS20090C-page 35
MCP23016
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information (e.g., on pricing or delivery) refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
DSTEMP: 16-Bit I2C I/O Expander
Temperature
Range:
I= -40
°C to +85°C
Package:
SP = Plastic DIP (300 mil Body), 28-lead
SO = Plastic SOIC, Wide (300 mil Body), 28-lead
SS = Plastic SOIC, (209 mil, 5.30mm), 28-lead
ML = Plastic Quad, Flat No Leads (QFN), 28-lead
Examples:
a)
DSTEMP-I/P:
Industrial Temperature,
PDIP package.
a)
DSTEMP-I/SO:
Industrial Temperature,
SOIC package.
a)
DSTEMP-I/SS:
Industrial Temperature,
SOIC package.
a)
DSTEMP-I/ML:
Industrial Temperature,
QFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com