Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP23016 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP23016
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP23016 Datasheet HTML 8Page - Microchip Technology MCP23016 Datasheet HTML 9Page - Microchip Technology MCP23016 Datasheet HTML 10Page - Microchip Technology MCP23016 Datasheet HTML 11Page - Microchip Technology MCP23016 Datasheet HTML 12Page - Microchip Technology MCP23016 Datasheet HTML 13Page - Microchip Technology MCP23016 Datasheet HTML 14Page - Microchip Technology MCP23016 Datasheet HTML 15Page - Microchip Technology MCP23016 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MCP23016
DS20090C-page 12
© 2007 Microchip Technology Inc.
1.8
Serializer/Deserializer
The
Serializer/Deserializer
block
converts
and
transfers data between the I2C bus and GPIO.
1.9
Interrupt Logic
The MCP23016 asserts the open-drain interrupt output
(INT) low when one of the port pins changes state. Only
those pins that are configured as an input can cause an
interrupt. Pins defined as an output have no effect on
INT. The interrupt will remain active until a read from
either the port (GPn) on which the interrupt occurred or
the INTCAPn register is performed. If the input returns
to its previous state before a read operation, it will reset
the interrupt and the INT pin output will tri-state. Each
8-bit port is read separately, so reading GP0 or
INTCAP0 will not clear the interrupt generated by GP1
or INTCAP1, and vice versa.
Input change activity on each port will generate an
interrupt and the value of the particular port will be
captured and copied into INTCAP0/INTCAP1. The
INTCAPn registers are only updated when an interrupt
occurs on INT. These values will stay unchanged until
the user clears the interrupt by reading the port or the
INTCAPn register.
If the input port value changes back to normal before a
user-read, the INT output will be reset. However, the
INTCAP0/INTCAP1 will still contain the value of the
port at the interrupt change. If the port value changes
again, it will re-activate the interrupt and the new value
will be captured.
The first interrupt on change event following an
interrupt RESET will result in a capture event. Any fur-
ther change event that occurs before the interrupt is
reset will not result in a capture event.
1.9.1
INTERRUPT EVENT DETECTION
The IARES bit controls the resolution for detecting an
interrupt-on-change event. If this bit is ‘0’ (default), the
maximum time for detecting a change of event is high,
which results in lower standby current. If this bit is ‘1’, it
takes less time for scanning the activity on the port and
results in higher standby current.
FIGURE 1-2:
READING PORTX AFTER
INTERRUPT EVENT
Port value
PORT X
PORT X
GPx
INT
is captured
and written to
INTCAPn
Port value
is captured
and written to
INTCAPn
Read GPx
or INTCAPn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com