Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8310 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8310
Description  PAL/NTSC colour processor for PIP applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8310 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8310 Datasheet HTML 9Page - NXP Semiconductors TDA8310 Datasheet HTML 10Page - NXP Semiconductors TDA8310 Datasheet HTML 11Page - NXP Semiconductors TDA8310 Datasheet HTML 12Page - NXP Semiconductors TDA8310 Datasheet HTML 13Page - NXP Semiconductors TDA8310 Datasheet HTML 14Page - NXP Semiconductors TDA8310 Datasheet HTML 15Page - NXP Semiconductors TDA8310 Datasheet HTML 16Page - NXP Semiconductors TDA8310 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
February 1995
13
Philips Semiconductors
Preliminary specification
PAL/NTSC colour processor for
PIP applications
TDA8310
VERTICAL OUTPUT; note 17 (PIN 36)
ffr
free running frequency
−
50/60
−
Hz
flock
locking range
45
−
64.5
Hz
divider value not locked
−
625/525
−
lines
locking range
488
−
722
lines/
frame
VOH
HIGH level output voltage
IO = 2 mA
2.4
4.0
−
V
VOL
LOW level output voltage
IO =2mA
−
0.3
0.6
V
Isink
sink current
−−
2mA
Isource
source current
−−
2mA
tW
pulse width
−
380
−µs
td
delay between the start of the vertical
sync pulse at the input and the
positive edge of the output pulse
−
37.5
−µs
SANDCASTLE PULSE OUTPUT; note18 (PIN 40)
VO
output voltage during scan
IO = 1 mA; note 30
−−
0.9
V
VO
output voltage during burst key
IO = 1 mA; note 30
4.1
−
5.2
V
ZO
output impedance during blanking
1.0
−−
M
Ω
tW
pulse width
burst key
3.3
3.5
3.7
µs
line blanking
8.4
8.7
9.0
µs
vertical blanking
−
14
−
lines
td
delay of start of burst key to start of
sync
5.2
5.4
5.6
µs
Colour demodulation part
CHROMINANCE AMPLIFIER
ACCcr
ACC control range
note 19
26
−−
dB
∆V
change in amplitude of the output
signals over the ACC range
−−
2dB
THRon
threshold colour killer ON
−38
−41
−44
dB
HYSoff
hysteresis colour killer OFF
note 6
strong input signal
S/N
≥ 40 dB
0
+3
+6
dB
noisy input signal
0
+1
+8
dB
ACL CIRCUIT
chrominance burst ratio at which the
ACL starts to operate
2.3
−
2.7
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com