Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8310 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8310
Description  PAL/NTSC colour processor for PIP applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8310 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8310 Datasheet HTML 16Page - NXP Semiconductors TDA8310 Datasheet HTML 17Page - NXP Semiconductors TDA8310 Datasheet HTML 18Page - NXP Semiconductors TDA8310 Datasheet HTML 19Page - NXP Semiconductors TDA8310 Datasheet HTML 20Page - NXP Semiconductors TDA8310 Datasheet HTML 21Page - NXP Semiconductors TDA8310 Datasheet HTML 22Page - NXP Semiconductors TDA8310 Datasheet HTML 23Page - NXP Semiconductors TDA8310 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
February 1995
21
Philips Semiconductors
Preliminary specification
PAL/NTSC colour processor for
PIP applications
TDA8310
PACKAGE OUTLINE
Fig.4 Plastic shrink dual in-line package; 52 leads; 600 mil (SDIP52, SOT247-1).
Dimensions in mm.
handbook, full pagewidth
1
27
26
1.3 max
14.1
13.7
47.92
47.02
4.57
max
5.08
max
0.51
min
3.2
2.8
0.18 M
0.53
max
1.778
(25x)
1.73
max
15.80
15.24
0.32 max
15.24
17.15
15.90
MSA267
52
SOLDERING
Plastic dual in-line packages
BY DIP OR WAVE
The maximum permissible temperature of the solder is
260
°C; this temperature must not be in contact with the
joint for more than 5 s. The total contact time of successive
solder waves must not exceed 5 s.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified storage maximum. If the printed-circuit board has
been pre-heated, forced cooling may be necessary
immediately after soldering to keep the temperature within
the permissible limit.
REPAIRING SOLDERED JOINTS
Apply a low voltage soldering iron below the seating plane
(or not more than 2 mm above it). If its temperature is
below 300
°C, it must not be in contact for more than 10 s;
if between 300 and 400
°C, for not more than 5 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com