Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5024 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5024 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5024 Datasheet HTML 17Page - Texas Instruments LP5024 Datasheet HTML 18Page - Texas Instruments LP5024 Datasheet HTML 19Page - Texas Instruments LP5024 Datasheet HTML 20Page - Texas Instruments LP5024 Datasheet HTML 21Page - Texas Instruments LP5024 Datasheet HTML 22Page - Texas Instruments LP5024 Datasheet HTML 23Page - Texas Instruments LP5024 Datasheet HTML 24Page - Texas Instruments LP5024 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
• The master device sends the data byte to be written to the addressed register.
• The slave device sends an acknowledge signal.
• If the master device sends further data bytes, the control register address of the slave is incremented by 1
after the acknowledge signal. To reduce program load time, the device supports address auto incrementation.
The register address is incremented after each 8 data bits.
• The write cycle ends when the master device creates a stop condition.
Figure 7-11. Write Cycle
7.5.1.6 Control-Register Read Cycle
• The master device generates a start condition.
• The master device sends the slave address (7 bits) and the data direction bit (R/ W = 0).
• The slave device sends an acknowledge signal if the slave address is correct.
• The master device sends the control register address (8 bits).
• The slave device sends an acknowledge signal.
• The master device generates a repeated-start condition.
• The master device sends the slave address (7 bits) and the data direction bit (R/ W = 1).
• The slave device sends an acknowledge signal if the slave address is correct.
• The slave device sends the data byte from the addressed register.
• If the master device sends an acknowledge signal, the control-register address is incremented by 1. The
slave device sends the data byte from the addressed register. To reduce program load time, the device
supports address auto incrementation. The register address is incremented after each 8 data bits.
• The read cycle ends when the master device does not generate an acknowledge signal after a data byte and
generates a stop condition.
Figure 7-12. Read Cycle
7.5.1.7 Auto-Increment Feature
The auto-increment feature allows writing or reading several consecutive registers within one transmission. For
example, when an 8-bit word is sent to the device, the internal address index counter is incremented by 1, and
the next register is written. The auto-increment feature is enabled by default and can be disabled by setting
the Auto_Incr_EN bit = 0 in the DEVICE_CONFIG1 register. The auto-increment feature is applied for the full
register address from 0h to FFh.
www.ti.com
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com