Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5024 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5024 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5024 Datasheet HTML 9Page - Texas Instruments LP5024 Datasheet HTML 10Page - Texas Instruments LP5024 Datasheet HTML 11Page - Texas Instruments LP5024 Datasheet HTML 12Page - Texas Instruments LP5024 Datasheet HTML 13Page - Texas Instruments LP5024 Datasheet HTML 14Page - Texas Instruments LP5024 Datasheet HTML 15Page - Texas Instruments LP5024 Datasheet HTML 16Page - Texas Instruments LP5024 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
7.3 Feature Description
7.3.1 PWM Control for Each Channel
Most traditional LED drivers are designed for the single-color LEDs, in which the high-resolution PWM generator
is used for intensity control only. However, for RGB LEDs, both the color mixing and intensity control should be
addressed to achieve the target effect. With the traditional solution, the users must handle the color mixing and
intensity control simultaneously with a single PWM register. Several undesired effects occur: the limited dimming
steps, the complex software design, and the color distortion when using a logarithmic scale control.
The LP50xx device is designed with independent color mixing and intensity control, which makes the RGB
LED effects fancy and the control experience straightforward. With the inputs of the color-mixing register and
the intensity-control register, the final PWM generator output for each channel is 12-bit resolution and 29kHz
dimming frequency, which helps achieve a smooth dimming effect and eliminates audible noise. See Figure 7-1.
OUT0
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Brightness
8 Bits Brightness
Color-Mixing
Brightness-Control
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
PWM Generators
OUT1
OUT2
OUT21
OUT22
OUT23
Figure 7-1. PWM Control Scheme for Each Channel
7.3.1.1 Independent Color Mixing Per RGB LED Module
Each output channel has its own individual 8-bit color-setting register (OUTx_COLOR). The device allows every
RGB LED module to achieve >16 million (256 × 256 × 256) color-mixing.
7.3.1.2 Independent Intensity Control Per RGB LED Module
When color is fixed, the independent intensity-control is used to achieve accurate and flexible dimming control
for every RGB LED module.
7.3.1.2.1 Intensity-Control Register Configuration
Every three consecutive output channels are assigned to their respective intensity-control register
(LEDx_BRIGHTNESS). For example, OUT0, OUT1, and OUT2 are assigned to LED0_BRIGHTNESS, so it
is recommended to connect the RGB LEDs in the sequence as shown in LED Bank Control. The LP50xx device
allows 256-step intensity control for each RGB LED module, which helps achieve a smooth dimming effect.
Keeping FFh (default value) in the LED0_BRIGHTNESS register results in 100% dimming duty cycle. With this
setting, users can just configure the color mixing register by channel to achieve the target dimming effect in a
single-color LED application.
www.ti.com
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com