Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IDDFR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9062IDDFR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9062IDDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV9062IDDFR Datasheet HTML 18Page - Texas Instruments TLV9062IDDFR Datasheet HTML 19Page - Texas Instruments TLV9062IDDFR Datasheet HTML 20Page - Texas Instruments TLV9062IDDFR Datasheet HTML 21Page - Texas Instruments TLV9062IDDFR Datasheet HTML 22Page - Texas Instruments TLV9062IDDFR Datasheet HTML 23Page - Texas Instruments TLV9062IDDFR Datasheet HTML 24Page - Texas Instruments TLV9062IDDFR Datasheet HTML 25Page - Texas Instruments TLV9062IDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
Table 6-1. TLV906x EMIRR IN+ For Frequencies of Interest (continued)
FREQUENCY
APPLICATION or ALLOCATION
EMIRR IN+
3.6GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
88.8dB
5GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4GHz to 8GHz)
87.6dB
6.3.4 Overload Recovery
Overload recovery is defined as the time required for the operational amplifier output to recover from a saturated
state to a linear state. The output devices of the operational amplifier enter a saturation region when the output
voltage exceeds the rated operating voltage, because of the high input voltage or the high gain. After the device
enters the saturation region, the charge carriers in the output devices require time to return to the linear state.
After the charge carriers return to the linear state, the device begins to slew at the specified slew rate. Therefore,
the propagation delay (in case of an overload condition) is the sum of the overload recovery time and the slew
time. The overload recovery time for the TLV906x family is approximately 200ns.
6.3.5 Shutdown Function
The TLV906xS devices feature SHDN pins that disable the op amp, placing the op amp into a low-power
standby mode. In this mode, the op amp typically consumes less than 1µA. The SHDN pins are active-low,
meaning that shutdown mode is enabled when the input to the SHDN pin is a valid logic low.
The SHDN pins are referenced to the negative supply voltage of the op amp. The threshold of the shutdown
feature lies around 800mV (typical) and does not change with respect to the supply voltage. Hysteresis has
been included in the switching threshold to ensure smooth switching characteristics. To ensure optimal shutdown
behavior, the SHDN pins should be driven with valid logic signals. A valid logic low is defined as a voltage
between V– and V– + 0.2V. A valid logic high is defined as a voltage between V– + 1.2V and V+. The shutdown
pin must either be connected to a valid high or a low voltage or driven, and not left as an open circuit. There is
no internal pull-up to enable the amplifier.
The SHDN pins are high-impedance CMOS inputs. Dual op amp versions are independently controlled, and
quad op amp versions are controlled in pairs with logic inputs. For battery-operated applications, this feature
may be used to greatly reduce the average current and extend battery life. The enable time is 10µs for full
shutdown of all channels; disable time is 6µs. When disabled, the output assumes a high-impedance state.
This architecture allows the TLV906xS to operate as a gated amplifier (or to have the device output multiplexed
onto a common analog output bus). Shutdown time (tOFF) depends on loading conditions and increases as load
resistance increases. To ensure shutdown (disable) within a specific shutdown time, the specified 10kΩ load to
midsupply (VS / 2) is required. If using the TLV906xS without a load, the resulting turnoff time is significantly
increased.
6.4 Device Functional Modes
The TLV906x family are operational when the power-supply voltage is between 1.8V (±0.9V) and 5.5V (±2.75V).
The TLV906xS devices feature a shutdown mode and are shut down when a valid logic low is applied to the
shutdown pin.
TLV9061, TLV9062, TLV9064
SBOS839K – MARCH 2017 – REVISED JULY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com