Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9062IPWR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9062IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9062IPWR Datasheet HTML 17Page - Texas Instruments TLV9062IPWR Datasheet HTML 18Page - Texas Instruments TLV9062IPWR Datasheet HTML 19Page - Texas Instruments TLV9062IPWR Datasheet HTML 20Page - Texas Instruments TLV9062IPWR Datasheet HTML 21Page - Texas Instruments TLV9062IPWR Datasheet HTML 22Page - Texas Instruments TLV9062IPWR Datasheet HTML 23Page - Texas Instruments TLV9062IPWR Datasheet HTML 24Page - Texas Instruments TLV9062IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
6.3 Feature Description
6.3.1 Rail-to-Rail Input
The input common-mode voltage range of the TLV906x family extends 100mV beyond the supply rails for the
full supply voltage range of 1.8V to 5.5V. This performance is achieved with a complementary input stage: an
N-channel input differential pair in parallel with a P-channel differential pair, as shown in the Functional Block
Diagram. The N-channel pair is active for input voltages close to the positive rail, typically (V+) – 1.4V to 200mV
above the positive supply, whereas the P-channel pair is active for inputs from 200mV below the negative supply
to approximately (V+) – 1.4V. There is a small transition region, typically (V+) – 1.2V to (V+) – 1V, in which both
pairs are on. This 200-mV transition region can vary up to 200mV with process variation. Thus, the transition
region (with both stages on) can range from (V+) – 1.4V to (V+) – 1.2V on the low end, and up to (V+) – 1V to
(V+) – 0.8V on the high end. Within this transition region, PSRR, CMRR, offset voltage, offset drift, and THD can
degrade compared to device operation outside this region.
6.3.2 Rail-to-Rail Output
Designed as a low-power, low-voltage operational amplifier, the TLV906x series delivers a robust output drive
capability. A class AB output stage with common-source transistors achieves full rail-to-rail output swing
capability. For resistive loads of 10kΩ, the output swings to within 15mV of either supply rail, regardless of
the applied power-supply voltage. Different load conditions change the ability of the amplifier to swing close to
the rails.
6.3.3 EMI Rejection
The TLV906x uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the TLV906x benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10MHz to 6GHz. Figure
6-1 shows the results of this testing on the TLV906x. Table 6-1 lists the EMIRR IN+ values for the TLV906x at
particular frequencies commonly encountered in real-world applications. See EMI Rejection Ratio of Operational
Amplifiers application note for more information.
0
20
40
60
80
100
120
140
10M
100M
1G
Frequency (Hz)
C041
Figure 6-1. EMIRR Testing
Table 6-1. TLV906x EMIRR IN+ For Frequencies of Interest
FREQUENCY
APPLICATION or ALLOCATION
EMIRR IN+
400MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
59.5dB
900MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6GHz), GSM, aeronautical mobile, UHF applications
68.9dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1GHz to 2GHz)
77.8dB
2.4GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2GHz to 4GHz)
78.0dB
www.ti.com
TLV9061, TLV9062, TLV9064
SBOS839K – MARCH 2017 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com