Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD36C Datasheet(PDF) 4 Page - Texas Instruments

Part # TSD36C
Description  TSDxxC Bidirectional TVS Diodes in SOD-323 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSD36C Datasheet(HTML) 4 Page - Texas Instruments

  TSD36C Datasheet HTML 1Page - Texas Instruments TSD36C Datasheet HTML 2Page - Texas Instruments TSD36C Datasheet HTML 3Page - Texas Instruments TSD36C Datasheet HTML 4Page - Texas Instruments TSD36C Datasheet HTML 5Page - Texas Instruments TSD36C Datasheet HTML 6Page - Texas Instruments TSD36C Datasheet HTML 7Page - Texas Instruments TSD36C Datasheet HTML 8Page - Texas Instruments TSD36C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5.3 ESD Ratings—IEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 contact discharge
±30000
V
IEC 61000-4-2 air-gap discharge
±30000
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating free-air temperature
-55
150
°C
5.5 Thermal Information
THERMAL METRIC (1)
TSD05C
TSD36C
UNIT
DYF (SOD-323)
DYF (SOD-323)
2 PINS
2 PINS
RθJA
Junction-to-ambient thermal resistance
672.0
686.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
230.5
267.0
°C/W
RθJB
Junction-to-board thermal resistance
541.4
560.5
°C/W
ΨJT
Junction-to-top characterization parameter
64.4
91.4
°C/W
ΨJB
Junction-to-board characterization parameter
527.5
546.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.6 Electrical Characteristics - TSD05C
At TA=25
℃ (unless otherwise noted) (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off
voltage
IIO <50nA, across operating temperature range
-5.5
5.5
V
VBR
Break-down
voltage
IIO = 1mA, IO to GND and GND to IO
7
8
9
V
ILEAK
Reverse leakage
current
VIO = 5.5V, IO to GND or GND to IO
5
10
nA
VCLAMP
Surge clamping
voltage, tp =
8/20µs (2)
IPP = 24A, IO to GND or GND to IO
10.7
13.8
V
IPP = 30 A, IO to GND or GND to IO
11.5
15
V
TLP clamping
voltage, tp =
100ns
IPP = 16 A, IO to GND or GND to IO
9.3
V
RDYN
Dynamic
resistance (3)
IO to GND
0.15
Ω
GND to IO
CL
Line capacitance VIO = 0V; ƒ = 1 MHz, IO to GND
4
7
pF
(1)
Typical parameters are measured at 25
℃
(2)
Nonrepetitive current pulse 8 to 20 µs exponentially decaying waveform according to IEC 61000-4-5
(3)
Extraction of RDYN using least squares fit of TLP characteristics between I = 10 A and I = 20 A
TSD05C, TSD36C
SLVSH42B – JUNE 2023 – REVISED JULY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TSD05C TSD36C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com