Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD36C Datasheet(PDF) 6 Page - Texas Instruments

Part # TSD36C
Description  TSDxxC Bidirectional TVS Diodes in SOD-323 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSD36C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSD36C Datasheet HTML 2Page - Texas Instruments TSD36C Datasheet HTML 3Page - Texas Instruments TSD36C Datasheet HTML 4Page - Texas Instruments TSD36C Datasheet HTML 5Page - Texas Instruments TSD36C Datasheet HTML 6Page - Texas Instruments TSD36C Datasheet HTML 7Page - Texas Instruments TSD36C Datasheet HTML 8Page - Texas Instruments TSD36C Datasheet HTML 9Page - Texas Instruments TSD36C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5.8 Typical Characteristics
Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
11
-4
0
4
8
12
16
20
24
28
32
Figure 5-1. Positive TLP Curve - TSD05C
Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
11
-4
0
4
8
12
16
20
24
28
32
Figure 5-2. Negative TLP Curve - TSD05C
Voltage (V)
0
5
10 15 20 25 30 35 40 45 50 55 60 65
-4
0
4
8
12
16
20
24
28
Figure 5-3. Positive TLP Curve - TSD36C
Bias Voltage (V)
0
5
10
15
20
25
30
35
40
2.25
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
TSD05C
TSD36C
Figure 5-4. Capacitance vs Bias Voltage
Temperature (
C)
-75
-50
-25
0
25
50
75
100
125
150
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
TSD36C
TSD05C
Figure 5-5. Leakage Current vs Temperature
Temperature ( C)
-75
-45
-15
15
45
75
105
135
2
2.8
3.6
4.4
5.2
6
6.8
7.6
8.4
9.2
10
Figure 5-6. Capacitance vs Temperature - TSD05C
TSD05C, TSD36C
SLVSH42B – JUNE 2023 – REVISED JULY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TSD05C TSD36C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com