Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3004 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3004
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3004 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3004_07 Datasheet HTML 1Page - Microchip Technology MCP3004_07 Datasheet HTML 2Page - Microchip Technology MCP3004_07 Datasheet HTML 3Page - Microchip Technology MCP3004_07 Datasheet HTML 4Page - Microchip Technology MCP3004_07 Datasheet HTML 5Page - Microchip Technology MCP3004_07 Datasheet HTML 6Page - Microchip Technology MCP3004_07 Datasheet HTML 7Page - Microchip Technology MCP3004_07 Datasheet HTML 8Page - Microchip Technology MCP3004_07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21295C-page 3
MCP3004/3008
Analog Inputs
Input Voltage Range for CH0 or
CH1 in Single-Ended Mode
VSS
—VREF
V
Input Voltage Range for IN+ in
pseudo-differential mode
IN-
—
VREF+IN-
Input Voltage Range for IN- in
pseudo-differential mode
VSS-100
—
VSS+100
mV
Leakage Current
—
0.001
±1
µA
Switch Resistance
—
1000
—
Ω
See Figure 4-1
Sample Capacitor
—
20
—
pF
See Figure 4-1
Digital Input/Output
Data Coding Format
Straight Binary
High Level Input Voltage
VIH
0.7 VDD
——
V
Low Level Input Voltage
VIL
—
0.3 VDD
V
High Level Output Voltage
VOH
4.1
—
—
V
IOH = -1 mA, VDD = 4.5V
Low Level Output Voltage
VOL
——0.4
V
IOL = 1 mA, VDD = 4.5V
Input Leakage Current
ILI
-10
—
10
µA
VIN = VSS or VDD
Output Leakage Current
ILO
-10
—
10
µA
VOUT = VSS or VDD
Pin Capacitance
(All Inputs/Outputs)
CIN,
COUT
——
10
pF
VDD = 5.0V (Note 1)
TAMB = 25°C, f = 1 MHz
Timing Parameters
Clock Frequency
fCLK
——3.6
1.35
MHz
MHz
VDD = 5V (Note 3)
VDD = 2.7V (Note 3)
Clock High Time
tHI
125
—
—
ns
Clock Low Time
tLO
125
—
—
ns
CS Fall To First Rising CLK Edge
tSUCS
100
—
—
ns
CS Fall To Falling CLK Edge
tCSD
——
0
ns
Data Input Setup Time
tSU
——
50
ns
Data Input Hold Time
tHD
——
50
ns
CLK Fall To Output Data Valid
tDO
——
125
200
ns
ns
VDD = 5V, See Figure 1-2
VDD = 2.7V, See Figure 1-2
CLK Fall To Output Enable
tEN
——
125
200
ns
ns
VDD = 5V, See Figure 1-2
VDD = 2.7V, See Figure 1-2
CS Rise To Output Disable
tDIS
—
—
100
ns
See Test Circuits, Figure 1-2
CS Disable Time
tCSH
270
—
—
ns
D
OUT Rise Time
tR
—
—
100
ns
See Test Circuits, Figure 1-2
(Note 1)
D
OUT Fall Time
tF
—
—
100
ns
See Test Circuits, Figure 1-2
(Note 1)
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VREF = 5V,
TAMB = -40°C to +85°C, fSAMPLE = 200 ksps and fCLK = 18*fSAMPLE. Unless otherwise noted, typical values apply for
VDD = 5V, TAMB = 25°C.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Note 1: This parameter is established by characterization and not 100% tested.
2: See graphs that relate linearity performance to VREF levels.
3: Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity
performance, especially at elevated temperatures. See Section 6.2, “Maintaining Minimum Clock Speed”,
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com