Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3004 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3004
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3004 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3004_07 Datasheet HTML 2Page - Microchip Technology MCP3004_07 Datasheet HTML 3Page - Microchip Technology MCP3004_07 Datasheet HTML 4Page - Microchip Technology MCP3004_07 Datasheet HTML 5Page - Microchip Technology MCP3004_07 Datasheet HTML 6Page - Microchip Technology MCP3004_07 Datasheet HTML 7Page - Microchip Technology MCP3004_07 Datasheet HTML 8Page - Microchip Technology MCP3004_07 Datasheet HTML 9Page - Microchip Technology MCP3004_07 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP3004/3008
DS21295C-page 6
© 2007 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CHARACTERISTICS
Note: Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = 25°C.
FIGURE 2-1:
Integral Nonlinearity (INL) vs.
Sample Rate.
FIGURE 2-2:
Integral Nonlinearity (INL) vs.
VREF.
FIGURE 2-3:
Integral Nonlinearity (INL) vs.
Code (Representative Part).
FIGURE 2-4:
Integral Nonlinearity (INL) vs.
Sample Rate (VDD = 2.7V).
FIGURE 2-5:
Integral Nonlinearity (INL) vs.
VREF (VDD = 2.7V).
FIGURE 2-6:
Integral Nonlinearity (INL) vs.
Code (Representative Part, VDD = 2.7V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
175
200
225
250
Sample Rate (ksps)
Positive INL
Negative INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
01
23
45
6
VREF (V)
Positive INL
Negative INL
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
128
256
384
512
640
768
896
1024
Digital Code
VDD = VREF = 5 V
fSAMPLE = 200 ksps
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
025
50
75
100
Sample Rate (ksps)
Positive INL
Negative INL
VDD = VREF = 2.7 V
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0.00.5
1.01.5
2.02.5
3.0
VREF (V)
Positive INL
Negative INL
VDD = VREF = 2.7 V
fSAMPLE = 75 ksps
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
128
256
384
512
640
768
896
1024
Digital Code
VDD = VREF = 2.7 V
fSAMPLE = 75 ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com