Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA00-/P Datasheet(PDF) 11 Page - Microchip Technology

Part # 24AA00-/P
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA00-/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24AA00-/P Datasheet HTML 7Page - Microchip Technology 24AA00-/P Datasheet HTML 8Page - Microchip Technology 24AA00-/P Datasheet HTML 9Page - Microchip Technology 24AA00-/P Datasheet HTML 10Page - Microchip Technology 24AA00-/P Datasheet HTML 11Page - Microchip Technology 24AA00-/P Datasheet HTML 12Page - Microchip Technology 24AA00-/P Datasheet HTML 13Page - Microchip Technology 24AA00-/P Datasheet HTML 14Page - Microchip Technology 24AA00-/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2004 Microchip Technology Inc.
DS21226E-page 11
24LCS61/24LCS62
FIGURE 6-2:
PAGE WRITE
FIGURE 6-3:
SET WRITE PROTECTION COMMAND
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
A
C
K
A
C
K
A
C
K
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
A
C
K
ADDRESS
BYTE
DATA BYTE 0
A
C
K
DATA BYTE 15
DEVICE
ID BYTE
1
01 0
0 1 0
S
O
E
P
S
S
T
A
R
T
CONTROL
BYTE
A
C
K
1
01 0
A
C
K
0
00
P
S
T
O
P
A
C
K
XXXXXXXX
A
C
K
XXXXXXXX
DEVICE
ID BYTE
O
E
ADDRESS
BYTE
DATA BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com