Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA00-/P Datasheet(PDF) 14 Page - Microchip Technology

Part # 24AA00-/P
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA00-/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24AA00-/P Datasheet HTML 10Page - Microchip Technology 24AA00-/P Datasheet HTML 11Page - Microchip Technology 24AA00-/P Datasheet HTML 12Page - Microchip Technology 24AA00-/P Datasheet HTML 13Page - Microchip Technology 24AA00-/P Datasheet HTML 14Page - Microchip Technology 24AA00-/P Datasheet HTML 15Page - Microchip Technology 24AA00-/P Datasheet HTML 16Page - Microchip Technology 24AA00-/P Datasheet HTML 17Page - Microchip Technology 24AA00-/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
24LCS61/24LCS62
DS21226E-page 14
 2004 Microchip Technology Inc.
FIGURE 8-2:
RANDOM READ
FIGURE 8-3:
SEQUENTIAL READ
CONTROL
BYTE
A
C
K
A
C
K
A
C
K
ADDRESS
BYTE
CONTROL
BYTE
A
C
K
DATA
BYTE
DEVICE
ID BYTE
A
C
K
DEVICE
ID BYTE
S
T
A
R
T
S
T
A
R
T
S
T
O
P
N
O
A
C
K
1
0
10 O 01 0
S
S
1
01 0 O 00 1
E
E
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
ID
BYTE
DATA n
DATA n + 1
DATA n + 2
DATA n + X
A
C
K
A
C
K
A
C
K
A
C
K
P
N
O
A
C
K
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com