Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 72Page - Advanced Micro Devices AM79C940 Datasheet HTML 73Page - Advanced Micro Devices AM79C940 Datasheet HTML 74Page - Advanced Micro Devices AM79C940 Datasheet HTML 75Page - Advanced Micro Devices AM79C940 Datasheet HTML 76Page - Advanced Micro Devices AM79C940 Datasheet HTML 77Page - Advanced Micro Devices AM79C940 Datasheet HTML 78Page - Advanced Micro Devices AM79C940 Datasheet HTML 79Page - Advanced Micro Devices AM79C940 Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 144 page
background image
76
Programmer’s Register Model
Addr Mnemonic
Contents
R/W
0
RCVFIFO
Receive FIFO–16 bits
RO
1
XMTFIFO
Transmit FIFO–16 bits
WO
2
XMTFC
Transmit Frame Control
80
DRTRY
Disable Retry
08
DXMTFC
Disable Transmit FCS
01
APADXMT
Auto Pad Transmit
R/W
3
XMTFS
Transmit Frame Status
80
XMTSV
Transmit Status Valid
40
UFLO
Underflow
20
LCOL
Late Collision
10
MORE
MORE than one retry was needed
08
ONE
Exactly ONE retry occurred
04
DEFER
Transmission was deferred
02
LCAR
Loss of Carrier
01
RTRY
Transmit aborted after 16 attempts
R/W
4
XMTRC
80
EXDEF
Excessive Defer
40
–
20
–
10
–
0F
XMTRC [3:0]
4-bit Transmit Retry Count
RO
5
RCVFC
Receive Frame Control
08
LLRCV
Low Latency Receive
04
M/R
Match/Reject for external address detection
01
ASTRPRCV
Auto Strip Receive–Strips pad and FCS from
received frames
R/W
6
RCVFS
Receive Frame Status–4 bytes–read in 4 read cycles
RFS0
RCVCNT [7:0] Receive Message Byte Count
RFS1
RCVSTS, RCVCNT [11:8]–Receive Status & Receive Msg Byte Count MSBs
80
OFLO
Receive FIFO Overflow
40
CLSN
Collision during reception
20
FRAM
Framing Error
10
FCS
FCS (CRC) error
0F
RCVCNT [11:8] 4 MSBs of Receive Msg. Byte Count
RFS2
RNTPC [7:0]
Runt Packet Count (since last successful reception)
RFS3
RCVCC [7:0]
Receive Collision Count (since last successful
reception)
RO
7
FIFOFC
FIFO Frame Count
F0
RCVFC
Receive Frame Count–# of RCV frames in FIFO
0F
XMTFC
Transmit Frame Count–# of XMT frames in FIFO
RO
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com