Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 83Page - Advanced Micro Devices AM79C940 Datasheet HTML 84Page - Advanced Micro Devices AM79C940 Datasheet HTML 85Page - Advanced Micro Devices AM79C940 Datasheet HTML 86Page - Advanced Micro Devices AM79C940 Datasheet HTML 87Page - Advanced Micro Devices AM79C940 Datasheet HTML 88Page - Advanced Micro Devices AM79C940 Datasheet HTML 89Page - Advanced Micro Devices AM79C940 Datasheet HTML 90Page - Advanced Micro Devices AM79C940 Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 144 page
background image
87
XMT
Filter
RCV
Filter
ANLG GND
ANLG +5 V
AVSS
AVDD
0.1
µF
Filter &
Transformer
Module
Note 1
Note 2
Am79C940
TXP+
TXD-
TXP-
TXD+
RXD+
RXD-
DGTL GND
0.1
µF
LNKST
LINK OK
DGTL +5 V
RXPOL
RX POL OK
1.21K
Ω
100
Ω
61.9
Ω
422
Ω
61.9
Ω
422
Ω
DI+
DI-
CI+
CI-
DO+
Pulse
Transformer
Note 3
40.2
Ω
Optional
ANLG GND
0.1
µF
0.1
µF
AUI
Connector
RJ45
Connector
40.2
Ω
40.2
Ω
40.2
Ω
TD+
TD-
RD+
RD-
1
2
3
6
16235D-18
3
10
5
12
2
9
Notes
:
1. Compatible filter modules, with a brief description of package type and features are included in the following sec-
tion.
2. The resistor values are recommended for general purpose use and should allow compliance to the 10BASE-T
specification for template fit and jitter performance. However, the overall performance of the transmitter is also
affected by the transmit filter configuration. All resistors are
± 1%.
3. Compatible AUI transformer modules, with a brief description of package type and features are included in the
following section.
1:1
1:1
10BASE-T and AUI Implementation of Am79C940
DO–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com