Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC032BFY6E Datasheet(PDF) 25 Page - STMicroelectronics

Part # SMC032BFY6E
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6E Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SMC032BFY6E Datasheet HTML 21Page - STMicroelectronics SMC032BFY6E Datasheet HTML 22Page - STMicroelectronics SMC032BFY6E Datasheet HTML 23Page - STMicroelectronics SMC032BFY6E Datasheet HTML 24Page - STMicroelectronics SMC032BFY6E Datasheet HTML 25Page - STMicroelectronics SMC032BFY6E Datasheet HTML 26Page - STMicroelectronics SMC032BFY6E Datasheet HTML 27Page - STMicroelectronics SMC032BFY6E Datasheet HTML 28Page - STMicroelectronics SMC032BFY6E Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
SMCxxxBF
Command Interface
25/91
Figure 3.
Configuration Register (Attribute Memory) Write waveforms
1.
DIN signifies data provided by the system to the CompactFlash Card.
ta(OE)
tGLQV
OE Access Time
150
ns
tdis(CE)
tEHQZ
Output Disable Time from CE
100
ns
tdis(OE)
tGHQZ
Output Disable Time from OE
100
ns
ten(CE)
tELQNZ
Output Enable Time from CE
5
ns
ten(OE)
tGLQNZ
Output Enable Time from OE
5
ns
tv(A)
tAXQX
Data Valid from Address Change
0
ns
tsu(A)
tAVGL
Address Setup Time
30
ns
Table 16.
Attribute Memory Read timing (continued)
Speed Version
300ns
Symbol
IEEE Symbol
Parameter
Min
Max
Unit
AI10081
Address Inputs
–REG
–CE2/–CE1
–OE
–WE
D0 to D15 (DIN)
tc(W)
DATA IN VALID
VALID
tsu(A)
trec(WE)
tw(WE)
tsu(D-WEH)
th(D)
Table 17.
Configuration Register (Attribute Memory) Write timing
Speed Version
250ns
Symbol
IEEE Symbol
Parameter
Min
Max
Unit
tc(W)
tAVAV
Write Cycle Time
250
ns
tw(WE)
tWLWH
Write Pulse Width
150
ns
tsu(A)
tAVWL
Address Setup Time
30
ns
tsu(D-WEH)
tDVWH
Data Setup Time from WE
80
ns
th(D)
tWMDX
Data Hold Time
30
ns
trec(WE)
tWMAX
Write Recovery Time
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com